Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS04004MS Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS04004MS
Description  High Input power with low resonant frequency
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04004MS Datasheet(HTML) 1 Page - PUI audio inc.

  AS04004MS Datasheet HTML 1Page - PUI audio inc. AS04004MS Datasheet HTML 2Page - PUI audio inc. AS04004MS Datasheet HTML 3Page - PUI audio inc. AS04004MS Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2023, PUI Audio Inc.
www.puiaudio.com
Data Sheet
AS04004MS
Features:
•
High Input power with low resonant frequency
•
Low Threshold distortion
Specifications
Parameters
Values
Units
Rated Input Power
5
Watts
Max Input Power
6
Watts
Impedance
4 ± 15%
Ohms
Output SPL (Avg At 0.5KHz,
0.8KHz, 1.5KHz, 3KHz)
80 ± 3
dB
Resonant Frequency
115 ± 20%
Hz
Frequency Range
115 ~ 20,000
Hz
THD @ 1k
≤ 5%
Frame Material
SPCC
-
Magnet Material
NdFeB
-
Diaphragm Material
PET
-
Weight
36
Grams
Buzz, Rattle, etc.
Not be audible at 4.47 V sine
wave between From FO 5 K
-
Environmental Compliances
ROHS/REACH
-
Polarity
Diaphragm shall move Forward
when Apply a Positive DC.
Current to the “+”
-
Storage Temperature
-25 ~ 70
°C
Operating Temperature
-25 ~ 60
°C


Similar Part No. - AS04004MS

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS04004MO-SP40 PUIAUDIO-AS04004MO-SP40 Datasheet
4Mb / 16P
SPEAKERS
JUNE 2024
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
Silver poly cone and rubber surround
More results

Similar Description - AS04004MS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
High Q, high self-resonant frequency
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
High Q, high self-resonant frequency
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
High Q, high self-resonant frequency
logo
List of Unclassifed Man...
5300-33 ETC-5300-33 Datasheet
170Kb / 1P
High current, high self resonant frequency
logo
Mallory performance clu...
PK-12N40PQ MALLORY-PK-12N40PQ Datasheet
193Kb / 1P
Resonant Frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
Extremely high self-resonant frequency
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
High Q, high self-resonant frequency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com