Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSD30N30 Datasheet(PDF) 1 Page - CASS SEMICONDUCTOR CO., LTD

Part # CSD30N30
Description  N-Channel Trench Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CASS [CASS SEMICONDUCTOR CO., LTD]
Direct Link  http://www.casssemi.com
Logo CASS - CASS SEMICONDUCTOR CO., LTD

CSD30N30 Datasheet(HTML) 1 Page - CASS SEMICONDUCTOR CO., LTD

  CSD30N30 Datasheet HTML 1Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 2Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 3Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 4Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 5Page - CASS SEMICONDUCTOR CO., LTD CSD30N30 Datasheet HTML 6Page - CASS SEMICONDUCTOR CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CSD30N30
CASS SEMICONDUCTOR CO., LTD
http://www.casssemi.com
V3.0
- 1 -
N
-Channel Trench Power MOSFET
General Description
The CSD30N30 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages as low as 4.5V. This device is suitable for use as a
wide variety of applications.
Features
● VDS = 30V,ID =110A
RDS(ON) < 4mΩ @ VGS =10V
RDS(ON) < 7mΩ @ VGS =4.5V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package
Application
● PWM applications
● Load switch
● Power management
100% UIS TESTED!
100% ΔVds TESTED!
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
CSD30N30
CSD30N30
TO-252
325mm
16mm
2500
Table 1.
Absolute Maximum Ratings (TA=25℃)
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (
VGS=0V)
30
V
VGS
Gate-Source Voltage (
VDS=0V)
±20
V
Drain Current-Continuous(Tc=25℃)
110
A
ID
Drain Current-Continuous(Tc=100℃)
78
A
IDM (pluse)
Drain Current-Continuous@ Current-Pulsed
(Note 1)
440
A
Maximum Power Dissipation(Tc=25℃)
107
W
PD
Maximum Power Dissipation(Tc=100℃)
53
W
EAS
Avalanche energy
(Note 2)
870
mJ
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 175
℃
Notes 1.Repetitive Rating: Pulse width limited by maximum junction temperature
Notes 2.EAS condition: TJ=25℃,VDD=20V,VG=10V, RG=25Ω
Table 2.
Thermal Characteristic
Symbol
Parameter
Typ
Max
Unit
RJC
Thermal Resistance, Junction-to-Case
-
1.4
/W
℃
Schematic Diagram
Marking and pin Assignment
TO-252(DPAK) top view


Similar Part No. - CSD30N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CSD30N30 ISC-CSD30N30 Datasheet
321Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - CSD30N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDT86244 FAIRCHILD-FDT86244 Datasheet
239Kb / 6P
N-Channel Power Trench MOSFET
logo
Guangdong Kexin Industr...
NDT70N06 KEXIN-NDT70N06 Datasheet
586Kb / 5P
N-Channel Trench Power MOSFET
NDT90N04 KEXIN-NDT90N04 Datasheet
255Kb / 2P
N-Channel Trench Power MOSFET
logo
Shenzhen Huazhimei Semi...
HM1607D HMSEMI-HM1607D Datasheet
874Kb / 6P
N-Channel Trench Power MOSFET
HM70N90D HMSEMI-HM70N90D Datasheet
681Kb / 6P
N-Channel Trench Power MOSFET
logo
Leshan Radio Company
LN7610DT1WG LRC-LN7610DT1WG Datasheet
822Kb / 6P
N-Channel Power Trench MOSFET
LNB86085DT0AG LRC-LNB86085DT0AG Datasheet
395Kb / 5P
N-Channel Power Trench MOSFET
S-LN7610DT1WG LRC-S-LN7610DT1WG Datasheet
826Kb / 6P
N-Channel Power Trench MOSFET
logo
Shenzhen Huazhimei Semi...
HM4030D HMSEMI-HM4030D Datasheet
850Kb / 6P
N-Channel Trench Power MOSFET
HM4030 HMSEMI-HM4030 Datasheet
410Kb / 6P
N-Channel Trench Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com