Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LIS302DL Datasheet(PDF) 29 Page - STMicroelectronics

Part # LIS302DL
Description  MEMS motion sensor 3-axis - ±2g/±8g smart digital output ?쐏iccolo??accelerometer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS302DL Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LIS302DL_07 Datasheet HTML 25Page - STMicroelectronics LIS302DL_07 Datasheet HTML 26Page - STMicroelectronics LIS302DL_07 Datasheet HTML 27Page - STMicroelectronics LIS302DL_07 Datasheet HTML 28Page - STMicroelectronics LIS302DL_07 Datasheet HTML 29Page - STMicroelectronics LIS302DL_07 Datasheet HTML 30Page - STMicroelectronics LIS302DL_07 Datasheet HTML 31Page - STMicroelectronics LIS302DL_07 Datasheet HTML 32Page - STMicroelectronics LIS302DL_07 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
LIS302DL
Register description
29/42
7.6
STATUS_REG (27h)
Table 26.
Register
Table 27.
Register description
7.7
OUT_X (29h)
Table 28.
Register
X axis output data.
7.8
OUT_Y (2Bh)
Table 29.
Register description
Y axis output data.
ZXYOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
ZYXOR
X, Y and Z axis data overrun. Default value: 0
(0: no overrun has occurred;
1: new data has over written the previous one before it was read)
ZOR
Z axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the Z-axis has overwritten the previous one)
YOR
Y axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the Y-axis has overwritten the previous one)
XOR
X axis data overrun. Default value: 0
(0: no overrun has occurred;
1: a new data for the X-axis has overwritten the previous one)
ZYXDA
X, Y and Z axis new data available. Default value: 0
(0: a new set of data is not yet available; 1: a new set of data is available)
ZDA
Z axis new data available. Default value: 0
(0: a new data for the Z-axis is not yet available;
1: a new data for the Z-axis is available)
YDA
Y axis new data available. Default value: 0
(0: a new data for the Y-axis is not yet available;
1: a new data for the Y-axis is available)
XDA
X axis new data available. Default value: 0
(0: a new data for the X-axis is not yet available;
1: a new data for the X-axis is available)
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com