Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CFPS-69IA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFPS-69IA
Description  Tri-state CMOS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CFPS-69IA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFPS-69IA Datasheet HTML 1Page - List of Unclassifed Manufacturers CFPS-69IA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Specification - maximum limiting values when measured in test circuit
Outline in mm - Tape
2.0
8.0
1.4
4.0
∅1.5
3.7
∅1.5
0.3
Outline in mm - Reel
2.0
120° (3 equal)
∅21.0
13.5
2.0
Frequency Range Frequency Stabilities
Supply Voltage
Supply Current
Rise Time (tr)
Fall Time (tf)
Duty Cycle
Model Number
1.8 to <32.0MHz
±25ppm*, ±50ppm,
±100ppm
2.5V ±5%
1.5mA
12ns
12ns
45/55%
CFPS-67
CFPS-67I
32.0 to 50.0MHz
2.5mA
1.8 to <32.0MHz
2.8V ±5%
2.0mA
CFPS-68
CFPS-68I
32.0 to 50.0MHz
3.0mA
1.8 to <32.0MHz
3.3V ±5%
2.5mA
CFPS-69
CFPS-69I
32.0 to 50.0MHz
3.5mA
Ordering Example
24.0MHz
CFPS-69 I
C
Frequency
Model No.
Operating Temperature Code: I = -40 to 85°C, Not applicable for -10 to 70°C
Frequency Stability: A = ±25ppm, B = ±50ppm, C = ±100ppm
*Note - Code IA, ±25ppm over -40 to 85°C is not available
Please note that the rise and fall times listed are the maximum values we specify to cover various frequency breaks.
In practise the actual values are generally lower depending upon the spot frequency chosen. For typical values please
contact our sales office.
Europe
Tel: +44 (0)1460 270200
Fax: +44 (0)1460 72578
Website: www.cmac.com
Americas Tel: +1 919 941 9333
Fax: +1 919 941 9371
Asia
Tel: +86 755 8826 5991
Fax: +86 755 8826 5990



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com