Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6591TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6591TR
Description  PWM controller for ZVS half-bridge
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6591TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6591TR Datasheet HTML 22Page - STMicroelectronics L6591TR Datasheet HTML 23Page - STMicroelectronics L6591TR Datasheet HTML 24Page - STMicroelectronics L6591TR Datasheet HTML 25Page - STMicroelectronics L6591TR Datasheet HTML 26Page - STMicroelectronics L6591TR Datasheet HTML 27Page - STMicroelectronics L6591TR Datasheet HTML 28Page - STMicroelectronics L6591TR Datasheet HTML 29Page - STMicroelectronics L6591TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
Summary of L6591 power management functions
L6591
26/32
1.
Use one external diode from SS (#14) to VREF (#10), cathode to VREF.
2.
The condition is latched as long as the IC is supplied; the HV generator is not invoked.
3.
All values are typical unless otherwise specified.
It is worth reminding that “auto-restart” means that the device will work intermittently as long
as the condition that is activating the function is not removed; “Latched” means that the
device is stopped as long as the unit is connected to the input power source and the unit
must be disconnected for some time from the source in order for the device (and the unit) to
restart.
Protection
Description
Caused by
IC
behavior
Vcc
restart
[V]
IC Iq
[mA]
VREF
[V]
SS
VCOMP
[V]
OSC
[V]
PFC_STOP
2nd OCP
Transformer
saturation or
shorted
secondary
diode
protection
VISEN >
1.5 V for 2
consecutive
switching
cycles
Latched
(2)
5
0.35
max
0
0
0
Stop
Active (low)
DISABLE
Externally
programmabl
e latched
protection
VDIS >
4.5 V
Latched
13
0.35
max
0
0
0
Stop
Active (low)
Brownout
Mains
undervoltage
protection
VLINE <
1.25 V
Auto
restart
5
0.35
max
00
0
Stop
Not active
(high Z)
Table 6.
Protections (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com