Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

753083390DPTR13 Datasheet(PDF) 5 Page - CTS Corporation

Part # 753083390DPTR13
Description  Leadless Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

753083390DPTR13 Datasheet(HTML) 5 Page - CTS Corporation

  753083390DPTR13 Datasheet HTML 1Page - CTS Corporation 753083390DPTR13 Datasheet HTML 2Page - CTS Corporation 753083390DPTR13 Datasheet HTML 3Page - CTS Corporation 753083390DPTR13 Datasheet HTML 4Page - CTS Corporation 753083390DPTR13 Datasheet HTML 5Page - CTS Corporation 753083390DPTR13 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Standard Resistor Values & EIA Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
0
000X
68
680
470
471
3.9K
392
33K
333
270K
274
10
100
75
750
510
511
4.7K
472
39K
393
330K
334
12
120
82
820
560
561
5.1K
512
47K
473
390K
394
15
150
100
101
680
681
5.6K
562
51K
513
470K
474
18
180
110
111
820
821
6.8K
682
56K
563
510K
514
22
220
120
121
1K
102
8.2K
822
68K
683
560K
564
27
270
150
151
1.2K
122
10K
103
82K
823
680K
684
33
330
180
181
1.5K
152
12K
123
100K
104
820K
824
39
390
220
221
1.8K
182
15K
153
120K
124
1M
105
47
470
270
271
2.2K
222
18K
183
150K
154
51
510
330
331
2.7K
272
22K
223
180K
184
56
560
390
391
3.3K
332
27K
273
220K
224
How to Order
753
09
1
103
G
P
TR13
Page 5 of 6
January 2007
CTS Electronic Components
www.ctscorp.com
Resistor Code
Refer to the EIA Code
Schematics
1 & 3: Page 5
5: Page 4
Part Number Series
SRT
08
09
10
12
DRT
16
18
20
24
Input/Outputs
Schematic
Packaging
“Blank” = Bulk Pack
(250 pcs.)
“TR7” = 7” Reel
“TR13”= 13” Reel
1 Bussed
3 Isolated
5 Dual Terminator
RoHS Compliant
Tolerance
Schematic
Schematic
1 & 3
5
J = ±5%
Tolerance is 2%
G = ±2% (Standard) standard. It is not
F = ±1%
necessary to add the
D = ±1/2%
tolerance letter.
Plated “matte” Sn over
Ni on Ag thick film.
NOTE: No dashes or spaces to appear in part number.
Example: 753091103GPTR13
Packaging
Tape & Reel
Reel Diameter
7"
13"
Tape Width
16mm
Tape Pitch
4mm
# of Parts/Reel
1000 5000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com