Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT3636 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT3636
Description  6-Channel Quad-ModeTM Fractional LED Driver in TQFN3x3
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3636 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT3636 Datasheet HTML 1Page - Catalyst Semiconductor CAT3636 Datasheet HTML 2Page - Catalyst Semiconductor CAT3636 Datasheet HTML 3Page - Catalyst Semiconductor CAT3636 Datasheet HTML 4Page - Catalyst Semiconductor CAT3636 Datasheet HTML 5Page - Catalyst Semiconductor CAT3636 Datasheet HTML 6Page - Catalyst Semiconductor CAT3636 Datasheet HTML 7Page - Catalyst Semiconductor CAT3636 Datasheet HTML 8Page - Catalyst Semiconductor CAT3636 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CAT3636
Doc. No. MD-5020 Rev. D
2
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN, LEDx, C1±, C2± voltage
6
V
VOUT Voltage
7
V
EN/SET Voltage
VIN + 0.7V
V
Storage Temperature Range
-65 to +160
°C
Junction Temperature Range
(1)
-40 to +150
°C
Lead Temperature
300
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Range
Unit
VIN
2.5 to 5.5
V
Ambient Temperature Range
(1)
-40 to +85
°C
ILED per LED pin
0 to 32
mA
Total Output Current
0 to 192
mA
Note
:
(1) Package thermal resistance is below 50
°C/W when mounted on FR4 board.
Typical application circuit with external components is shown on page 1.
ELECTRICAL OPERATING CHARACTERISTICS
(over recommended operating conditions unless specified otherwise) VIN = 3.6V, EN = High, TAMB = 25°C
Symbol
Name
Conditions
Min
Typ
Max
Units
IQ
Quiescent Current
1x mode, VIN = 4.2V
1.33 x mode, VIN = 3.3V
1.5x mode, VIN = 2.8V
2x mode, VIN = 2.5V
1.5
2.8
3.7
3.8
mA
mA
mA
mA
IQSHDN
Shutdown Current
VEN = 0V
1
µA
ILED-ACC
LED Current Accuracy
1mA ≤ ILED ≤ 31mA
±3
%
ILED-DEV
LED Channel Matching
LED
LEDAVG
LED
I
I
I
−
±1
%
ROUT
Output Resistance (open loop)
1x mode, IOUT = 100mA
1.33x mode, IOUT = 100mA
1.5x mode, IOUT = 100mA
2x mode, IOUT = 100mA
0.5
4.5
3.5
6
Ω
Ω
Ω
Ω
FOSC
Charge Pump Frequency
1.33x and 2x mode
1.5x mode
0.6
0.8
0.8
1.1
1.1
1.4
MHz
MHz
ISC_MAX
Output short circuit Current Limit
VOUT < 0.5V
80
mA
LEDTH
1x to 1.33x or 1.33x to 1.5x or
1.5x to 2x Transition Thresholds at any
LEDxx pin
150
mV
VHYS
1.33x to 1x Transition Hysteresis
VIN - Highest LED VF
400
mV
TDF
Transition Filter Delay
500
µs
IIN_MAX
Input Current Limit
VOUT > 1V
450
mA
REN/DIM
VHI
VLO
EN/DIM Pin
•
Internal Pull-down Resistor
•
Logic High Level
•
Logic Low Level
1.3
100
0.4
kΩ
V
V
TSD
Thermal Shutdown
150
°C
THYS
Thermal Hysteresis
20
°C
VUVLO
Undervoltage lockout (UVLO) threshold
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com