Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSPRL9802 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # PSPRL9802
Description  Active PFC 200 Watt Single Output AC/DC Switching Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSPRL9802 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  PSPRL9802 Datasheet HTML 1Page - Wall Industries,Inc. PSPRL9802 Datasheet HTML 2Page - Wall Industries,Inc. PSPRL9802 Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
PSPRL9802 Series
Active PFC
200 Watt Single Output
AC/DC Switching Power Supply
SPECIFICATIONS (CONTINUED)
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
0°C to +70°C ambient, de-rating at 2.5% per degree from 50°C to 70°C.
Storage Temperature
-20°C to +85°C
Operating Humidity
5% to 90% RH, non-condensing
Storage Humidity
5% to 95% RH, non-condensing
Vibration
Frequency 5 ~ 50Hz, acceleration ±7.35 m/(s x s) on X, Y, and Z axis.
Cooling
200W max. with 17CFM airflow or 150W max. convection cooling.
Fan Drive
12VDC/300mA is available to drive an external fan.
MTBF
100,000 hours (according to MIL-HBK-217F) at 30°C.
PHYSICAL SPECIFICATIONS
Weight
650 grams max.
Dimensions
6.8(L) x 3.8(W) x 1.5(H) inches U-case
Warranty
2 years
SAFETY
Emissions
FCC part15, CISPR 22 Class B, Conducted.
Safety Regulations
Approved to UL60950-1, CSA C22.2 No. 60950-1-03, TUV EN60950-1, CE Mark (LVD) EN61000-3-2,3,
and IEC61000-4 Series Regulations and CB.
OUTPUT VOLTAGE / CURRENT RATING CHART
Output Current
Model
Output
Voltage Range
Preset
Voltage
With Forced Air
Convection
Regulation
Ripple &
Noise
PSPRL9802SA
3 – 4 VDC
3.3 VDC
30A
22A
± 1%
50mV
PSPRL9802SB
5 – 6 VDC
5 VDC
40A
22A
± 1%
50mV
PSPRL9802SC
12 – 18 VDC
12 VDC
16.67A
12.5A
± 1%
± 1%
PSPRL9802SD
24 – 30 VDC
24 VDC
8.33A
6.25A
± 1%
± 1%
PSPRL9802SE
36 – 56 VDC
48 VDC
4.17A
3.13A
± 1%
± 1%
NOTES
1. Providing peak power to 600W within 500uS for all models, longer duty duration need contact manufacture.
2. All output ranges are covered in agency certifications and the preset voltage will be set as standard models if
nothing different is requested.
3. Maximum 200W continuous output, with minimum 17 CFM forced ventilation.
4. Maximum 150W continuous output with air convection, except PSPRL9802SA and PSPRL9802SB which
power is limited to 22A.
5. Output is fully isolated.
6. 1% minimum load is required to maintain the ripple and regulation.
7. Ripple and noise measured from 10KHZ to 20MHz at output terminals with parallel 0.1uF ceramic and 22uF
electrolytic capacitors.
8. Optional top cover available please call factory for more details.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com