Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MVL-514TUOL Datasheet(PDF) 2 Page - Unity Opto Technology

Part # MVL-514TUOL
Description  HIGH POWER AllnGaP LED Lamps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

MVL-514TUOL Datasheet(HTML) 2 Page - Unity Opto Technology

  MVL-514TUOL Datasheet HTML 1Page - Unity Opto Technology MVL-514TUOL Datasheet HTML 2Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MVL-514TUOL
Optical-Electrical Characteristics
@ TA=25
oC
Parameter
Symbol
Min .
Typ .
Max .
Unit .
Luminous Intensity
IV
1000
2000
-
mcd
Forward Voltage
VF
-
2.3
2.8
V
Reverse Current
IR
-
-
100
µA
Dominant Wavelength
λ
d
-
625
-
nm
Spectral Line Half Width
∆λ
-
23
-
nm
Viewing Angle
2
θ
1/2
-
30
-
deg.
Typical Optical-Electrical Characteristic Curves
01/09/2002
IF=20mA
IF=20mA
IF=20mA
Test Conditions
IF=20mA
IF=20mA
VR=5V
Unity Opto Technology Co., Ltd.
0
0.5
1
550
575
600
625
650
675
700
FIG.5 RADIATION DIAGRAM
0
10
20
30
40
50
1.2
1.6
2.0
2.4
2.8
3.2
Forward Current IF (mA)
FIG.4 RELATIVE LUMINOUS INTENSITY
VS. FORWARD CURRENT
0
10
20
30
40
50
60
0
20
40
60
80
100
Wavelength (nm)
FIG.1 SPECTRAL DISTRIBUTION
Ambient Temperature TA (
oC)
FIG.3 FORWARD CURRENT
VS. AMBIENT TEMPERATURE
Forward Voltage VF (V)
FIG.2 FORWARD CURRENT
VS. FORWARD VOLTAGE
1.0
0.9
0.8
0.0
1.0
2.0
3.0
4.0
5.0
0
20
40
60
80
100
30°
40°
50°
60°
70°
80°
90°
0.4
0.2
0.6
0.1
0.3
0.5
0
o
10
o
20
o



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com