Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STB75NF75L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB75NF75L
Description  N-channel 75V - 0.009廓 - 75A - D2PAK STripFET??II Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75NF75L Datasheet(HTML) 1 Page - STMicroelectronics

  STB75NF75L Datasheet HTML 1Page - STMicroelectronics STB75NF75L Datasheet HTML 2Page - STMicroelectronics STB75NF75L Datasheet HTML 3Page - STMicroelectronics STB75NF75L Datasheet HTML 4Page - STMicroelectronics STB75NF75L Datasheet HTML 5Page - STMicroelectronics STB75NF75L Datasheet HTML 6Page - STMicroelectronics STB75NF75L Datasheet HTML 7Page - STMicroelectronics STB75NF75L Datasheet HTML 8Page - STMicroelectronics STB75NF75L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
July 2007
Rev 3
1/13
13
STB75NF75L
N-channel 75V - 0.009
Ω - 75A - D2PAK
STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Low threshold drive
Description
This MOSFET series realized with
STMicroelectronics unique STripFET process has
specifically been designed to minimize input
capacitance and gate charge. It is therefore
suitable as primary switch in advanced high-
efficiency, high-frequency isolated DC-DC
converters for Telecom and Computer
applications. It is also intended for any
applications with low gate drive requirements.
Applications
■ Switching applications
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB75NF75L
75V
<0.011
Ω
75A
D²PAK
1
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STB75NF75LT4
B75NF75L
D²PAK
Tape & reel
www.st.com


Similar Part No. - STB75NF75L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NF75L STMICROELECTRONICS-STB75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
logo
VBsemi Electronics Co.,...
STB75NF75L VBSEMI-STB75NF75L Datasheet
1Mb / 9P
N-Channel 80 V (D-S) MOSFET
logo
STMicroelectronics
STB75NF75L-1 STMICROELECTRONICS-STB75NF75L-1 Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
More results

Similar Description - STB75NF75L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
Mar-1999
STP75NF75L STMICROELECTRONICS-STP75NF75L Datasheet
382Kb / 11P
N-CHANNEL 75V - 0.009 ohm - 75A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Apr-2002
STP80NF75L STMICROELECTRONICS-STP80NF75L Datasheet
368Kb / 11P
N-CHANNEL 75V - 0.008 ohm - 80A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
Nov-2001
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB75NH02L STMICROELECTRONICS-STB75NH02L Datasheet
319Kb / 8P
N-CHANNEL 24V - 0.0062W -75A - D2PAK STripFET™ III POWER MOSFET
Jul-2003
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
422Kb / 16P
N-channel 75V - 0.0095Ω - 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
27-Feb-2007
STB60NF06 STMICROELECTRONICS-STB60NF06_06 Datasheet
421Kb / 14P
N-channel 60V - 0.014Ω - 60A - D2PAK/I2PAK STripFET™ II Power MOSFET
June 2006
STB160N75F3_0710 STMICROELECTRONICS-STB160N75F3_0710 Datasheet
390Kb / 16P
N-channel 75V - 3.5m廓 - 120A - TO-220 - TO-247 - D2PAK STripFET??Power MOSFET
02-Oct-2007
STB80NF03L-04T4 STMICROELECTRONICS-STB80NF03L-04T4_09 Datasheet
326Kb / 13P
N-channel 30 V, 0.0035 Ω, 80 A D2PAK STripFET™II Power MOSFET
20-Apr-2009
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com