Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST52T430K3T6 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST52T430K3T6
Description  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K3T6 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST52T430K3T6 Datasheet HTML 14Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 15Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 16Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 17Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 18Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 19Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 20Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 21Page - STMicroelectronics ST52T430K3T6 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
ST52T430/E430
18/88
2.3.3 Configuration Registers.
The ST52x430 configuration Registers allow the
configuration of all the blocks of the fuzzy
microcontroller. Table 2.3 describes the functions
and the related peripherals of each of the
Configuration
Registers.
By
using
the
load
instructions, the Configuration Registers can be
set by using values stored in the Program Memory
(EPROM) or in RAM.
Use and meaning of each register will be described
in further details in the corresponding section.
Table 2.2 Input Registers
IR MNEMONIC NAME
PERIPHERAL REGISTER
ADDRESS
STACK_POINTER
STACK POINTER
0
CHAN 0
A/D CHANNEL 0
1
CHAN 1
A/D CHANNEL 1
2
CHAN 2
A/D CHANNEL 2
3
CHAN 3
A/D CHANNEL 3
4
CHAN 4
A/D CHANNEL 4
5
CHAN 5
A/D CHANNEL 5
6
CHAN 6
A/D CHANNEL 6
7
CHAN 7
A/D CHANNEL 7
8
PORT_A
PORT A INPUT REGISTER
9
PORT_B
PORT B INPUT REGISTER
10
PORT_C
PORT C INPUT REGISTER
11
PWM_ 0_COUNT
PWM/TIMER 0 COUNTER
12
PWM_ 0_ STATUS
PWM/TIMER 0 STATUS REGISTER
13
PWM_ 1_ COUNT
PWM/TIMER 1 COUNTER
14
PWM_ 1_ STATUS
PWM/TIMER 1 STATUS REGISTER
15
PWM_ 2_ COUNT
PWM/TIMER 2 COUNTER
16
PWM_ 2_ STATUS
PWM/TIMER 2 STATUS REGISTER
17
SCI_RX
SCI DATA REGISTER
18
SCI_STATUS
SCI STATUS REGISTER
19
Table 2.3 Configuration Registers
CONFIGURATION REGISTER
PERIPHERAL
DESCRIPTION
REG_CONF 0
INTERRUPT MASK
Interrupts mask setting
REG_CONF 1
N.U.
N.U.
REG_CONF 2
WATCHDOG TIMER
Watchdog Timer Configuration
REG_CONF 3
A/D CONVERTER
A/D configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com