Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT5261 Datasheet(PDF) 11 Page - Catalyst Semiconductor

Part # CAT5261
Description  Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and SPI Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5261 Datasheet(HTML) 11 Page - Catalyst Semiconductor

Back Button CAT5261 Datasheet HTML 7Page - Catalyst Semiconductor CAT5261 Datasheet HTML 8Page - Catalyst Semiconductor CAT5261 Datasheet HTML 9Page - Catalyst Semiconductor CAT5261 Datasheet HTML 10Page - Catalyst Semiconductor CAT5261 Datasheet HTML 11Page - Catalyst Semiconductor CAT5261 Datasheet HTML 12Page - Catalyst Semiconductor CAT5261 Datasheet HTML 13Page - Catalyst Semiconductor CAT5261 Datasheet HTML 14Page - Catalyst Semiconductor CAT5261 Datasheet HTML 15Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CAT5261
© Catalyst Semiconductor, Inc.
11
Doc. No. MD-2122 Rev. E
Characteristics subject to change without notice
Global Transfer Data Register (DR) to Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
0 0 0 1 R
1
R
0
0
0 CS
¯¯¯
Global Transfer Wiper Control Register (WCR) to Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0 0 A
1
A
0
1 0 0 0 R
1
R
0
00 CS
¯¯¯ High Voltage
Write Cycle
Transfer Wiper Control Register (WCR) to Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0 0 A
1
A
0
1 1 1 0 R
1
R
0
P
1
P
0
CS
¯¯¯ High Voltage
Write Cycle
Transfer Data Register (DR) to Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
1 1 0 1 R
1
R
0
P
1
P
0
CS
¯¯¯
Increment (I)/Decrement (D) Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
CS
¯¯¯ 0 1 0 1 0
0
A
1
A
0
0 0 1 0 0 0 P
1
P
0
I/D I/D
. . .
I/D I/D CS
¯¯¯
Notes:
(1) Any write or transfer to the Non-volatile Data Registers is followed by a high voltage cycle after a STOP has been issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com