Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST6200CM3 Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST6200CM3
Description  8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6200CM3 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST6200CM3 Datasheet HTML 62Page - STMicroelectronics ST6200CM3 Datasheet HTML 63Page - STMicroelectronics ST6200CM3 Datasheet HTML 64Page - STMicroelectronics ST6200CM3 Datasheet HTML 65Page - STMicroelectronics ST6200CM3 Datasheet HTML 66Page - STMicroelectronics ST6200CM3 Datasheet HTML 67Page - STMicroelectronics ST6200CM3 Datasheet HTML 68Page - STMicroelectronics ST6200CM3 Datasheet HTML 69Page - STMicroelectronics ST6200CM3 Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
66/70
ST6200C/01C/03C
1 GENERAL DESCRIPTION
1.1 INTRODUCTION
The ST6200C/01C and 03C are mask pro-
grammed ROM version of ST62T00C,T01C and
T03C OTP devices.
They offer the same functionality as OTP devices,
selecting as ROM options the options defined in
the programmable option byte of the OTP version.
Figure 1. Programming wave form
1.2 ROM READOUT PROTECTION
If the ROM READOUT PROTECTION option is
selected, a protection fuse can be blown to pre-
vent any access to the program memory content.
In case the user wants to blow this fuse, high volt-
age must be applied on the TEST pin.
Figure 2. Programming Circuit
Note: ZPD15 is used for overvoltage protection
0.5s min
TEST
15
14V typ
10
5
TEST
100mA
4mA typ
VR02001
max
150
µstyp
t
VR02003
TEST
5V
100nF
47mF
PROTECT
100nF
VDD
VSS
ZPD15
15V
14V
66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com