Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST63140 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST63140
Description  8-BIT HCMOS MCUs FOR TV FREQUENCY & VOLTAGE SYNTHESIS WITH OSD
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST63140 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST63140 Datasheet HTML 74Page - STMicroelectronics ST63140 Datasheet HTML 75Page - STMicroelectronics ST63140 Datasheet HTML 76Page - STMicroelectronics ST63140 Datasheet HTML 77Page - STMicroelectronics ST63140 Datasheet HTML 78Page - STMicroelectronics ST63140 Datasheet HTML 79Page - STMicroelectronics ST63140 Datasheet HTML 80Page - STMicroelectronics ST63140 Datasheet HTML 81Page - STMicroelectronics ST63140 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
EPROM/OTP DESCRIPTION.
The ST63E1xx represents the generic part number
for the EPROM versions of the ST63140, 42, 26,
56 ROM products. They are intended for use dur-
ing the development of an application, and for pre-
production and small volume production.
The ST63T1xx OTP have the same charac-
teristics.
They both include EPROM memory instead of the
ROM memory of the ST631xx, and so the program
and constants of the program can be easily modi-
fied by the user with the ST63E1XX EPROM Pro-
gramming Board from SGS-THOMSON.
The ROM mask options of the ST631xx for OSD
polarities (HSYNC, VSYNC, R, G, B, BLANK) are
emulated with an EPROM OPTION BYTE. This is
programmed by the SGS-THOMSON EPROM
programming board and its associated software.
The EPROM Option Byte content will define the
OSD options as follows :
70
Opt7
Opt6
Opt5
Opt4
Opt3
Opt 2
Opt 1
Opt 0
Opt7-Opt6. Device specific bits
(1)
Opt5 : This bit define the BLANK polarity,
if 0 the polarity will be negative
if 1 the polarity will be positive..
Opt 4 : This bit define the RGB polarity,
if 0 the polarity will be negative
if 1 the polarity will be positive..
Opt 3 : This bit define the OSD H/Vsync polarity,
if 0 the polarity will be negative
if 1 the polarity will be positive.
Opt2-Opt0. Device specific bits
(1)
Note 1. Device specific bits. These reserved bits
must be programmed according to the following ta-
ble for their relevant device.
From a user point of view (with the following excep-
tions) the ST63E1xx,T1xx products have exactly
the same software and hardware features of the
ROM version. An additional mode is used to con-
figure the part for programming of the EPROM, this
is set by a +12.5V voltage applied to the TEST/VPP
pin. The programming of the ST63E1xx,T1xxis de-
scribed in the User Manual of the EPROM Pro-
gramming board.
On the ST63E1xx, all the 7948 bytes of PRO-
GRAM memory are available for the user, as all the
EPROM memory can be erased by exposure to UV
light. On the ST63T1xx (OTP device) a reserved
area for test purposes exists, as for the ST631xx
ROM device. In order to avoid any discrepancy be-
tween program functionality when using the
EPROM, OTP and ROM it is recommended NOT
TO USE THESE RESERVED AREAS, even when
using the ST63E1xx. The Table 3 is a summary of
the EPROM/ROM Map and its reserved area.
THE READER IS ASKED TO REFER TO THE
DATASHEET OF THE ST631xx ROM-BASED
DEVICE FOR FURTHER DETAILS.
EPROM ERASING
The EPROM of the windowed package of the
ST63E1xx may be erased by exposure to Ultra
Violet light.
The erasure characteristic of the ST63E1xx
EPROM is such that erasure begins when the
memory is exposed to light with wave lengths
shorter than approximately 4000Å. It should be
noted that sunlight and some types of fluorescent
lamps have wavelengths in the range3000-4000Å.
It is thus recommended that the window of the
ST63E1xx package be covered by an opaque label
to prevent unintentional erasure problems when
testing the application in such an environment.
The recommended erasure procedure of the
ST63E1xx EPROM is exposure to short wave ul-
traviolet light which has wavelength 2537Å. The in-
tegrated dose (i.e. UV intensity x exposure time)
for erasure should be a minimum of 15 W-sec/cm
2.
The erasure time with this dosage is approximately
15 to 20 minutes using an ultraviolet lamp with
12000
µW/cm2 power rating. The ST63E1xx
should be placed within 2.5 cm (1 inch) of the lamp
tubes during erasure.
Sales Type
Opt7-Opt6
Opt2-Opt0
ST63E140/T140
0 0
1 0 0
ST63E142/T142
0 0
1 0 1
ST63E126/T126
0 0
1 0 1
ST63E156/T156
0 0
1 0 1
®
ST63E140,E142,E126,E156, T140,T142,T126,T156
74/82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com