| Electronic Components Datasheet Search |
|
ST72104G2 Datasheet(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72104G2 Datasheet(HTML) 9 Page - STMicroelectronics |
|
9 / 135 page ![]() ST72104G, ST72215G, ST72216G, ST72254G 9/135 Notes: 1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input, else the configuration is floating interrupt input. 2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD are not implemented). See Section 9 ”I/O PORTS” on page 30 and Section 13.8 ”I/O PORT PIN CHAR- ACTERISTICS” on page 114 for more details. 3. OSC1 and OSC2 pins connect a crystal or ceramic resonator, an external RC, or an external source to the on-chip oscillator see Section 2 ”PIN DESCRIPTION” on page 7 and Section 13.5 ”CLOCK AND TIM- ING CHARACTERISTICS” on page 104 for more details. 18 16 PC1/OCMP1_B/AIN1 I/O CT X ei0/ei1 X X X Port C1 Timer B Output Compare 1 or ADC Analog Input 1 19 17 PC0/ICAP1_B/AIN0 I/O CT X ei0/ei1 X X X Port C0 Timer B Input Capture 1 or ADC Analog Input 0 20 18 PA7 I/O CT HS X ei0 X X Port A7 21 19 PA6 /SDAI I/O CT HS X ei0 T Port A6 I 2 C Data 22 20 PA5 I/O CT HS X ei0 X X Port A5 23 21 PA4 /SCLI I/O CT HS X ei0 T Port A4 I 2C Clock 24 NC Not Connected 25 NC 26 22 PA3 I/O CT HS X ei0 X X Port A3 27 23 PA2 I/O CT HS X ei0 X X Port A2 28 24 PA1 I/O CT HS X ei0 X X Port A1 29 25 PA0 I/O CT HS X ei0 X X Port A0 30 26 ISPSEL I C X In situ programming selection (Should be tied low in standard user mode). 31 27 VSS S Ground 32 28 VDD S Main power supply Pin n ° Pin Name Level Port / Control Main Function (after reset) Alternate Function Input Output |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |