Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GL41B Datasheet(PDF) 4 Page - TAITRON Components Incorporated

Part # GL41B
Description  1.0A Surface Mount Glass Passivated Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

GL41B Datasheet(HTML) 4 Page - TAITRON Components Incorporated

  GL41B Datasheet HTML 1Page - TAITRON Components Incorporated GL41B Datasheet HTML 2Page - TAITRON Components Incorporated GL41B Datasheet HTML 3Page - TAITRON Components Incorporated GL41B Datasheet HTML 4Page - TAITRON Components Incorporated GL41B Datasheet HTML 5Page - TAITRON Components Incorporated GL41B Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1.0 A Surface Mount Glass Passivated Rectifier
Rev. A/AH 2007-11-29
GL41A - GL41M
www.taitroncomponents.com
Page 4 of 6
Packing Information:
Carrier Tape Dimensions (in mm)
Note: A, B, and C are determined by the maximum dimensions of the component size.
Tape
Dimensions
A
B
C
d
E
F
P
P0
P1
W
-TR70
1.50±0.10
1.75±0.10
5.50±0.10
4.00±0.10
4.00±0.10
2.00±0.10
12.00±0.30
-TR30
See Note
1.50±0.10
1.75±0.10
5.50±0.10
4.00±0.10
4.00±0.10
2.00±0.10
12.00±0.30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com