Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F321AR7T6 Datasheet(PDF) 108 Page - STMicroelectronics

Part # ST72F321AR7T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR7T6 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button ST72F321AR7T6 Datasheet HTML 104Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 105Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 106Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 107Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 108Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 109Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 110Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 111Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 185 page
background image
ST72321
108/185
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
CONTROL REGISTER 1 (SCICR1)
Read/Write
Reset Value: x000 0000 (x0h)
Bit 7 = R8
Receive data bit 8.
This bit is used to store the 9th bit of the received
word when M=1.
Bit 6 = T8
Transmit data bit 8.
This bit is used to store the 9th bit of the transmit-
ted word when M=1.
Bit 5 = SCID
Disabled for low power consumption
When this bit is set the SCI prescalers and outputs
are stopped and the end of the current byte trans-
fer in order to reduce power consumption.This bit
is set and cleared by software.
0: SCI enabled
1: SCI prescaler and outputs disabled
Bit 4 = M
Word length.
This bit determines the word length. It is set or
cleared by software.
0: 1 Start bit, 8 Data bits, 1 Stop bit
1: 1 Start bit, 9 Data bits, 1 Stop bit
Note: The M bit must not be modified during a data
transfer (both transmission and reception).
Bit 3 = WAKE
Wake-Up method.
This bit determines the SCI Wake-Up method, it is
set or cleared by software.
0: Idle Line
1: Address Mark
Bit 2 = PCE
Parity control enable.
This bit selects the hardware parity control (gener-
ation and detection). When the parity control is en-
abled, the computed parity is inserted at the MSB
position (9th bit if M=1; 8th bit if M=0) and parity is
checked on the received data. This bit is set and
cleared by software. Once it is set, PCE is active
after the current byte (in reception and in transmis-
sion).
0: Parity control disabled
1: Parity control enabled
Bit 1 = PS
Parity selection.
This bit selects the odd or even parity when the
parity generation/detection is enabled (PCE bit
set). It is set and cleared by software. The parity
will be selected after the current byte.
0: Even parity
1: Odd parity
Bit 0 = PIE
Parity interrupt enable.
This bit enables the interrupt capability of the hard-
ware parity control when a parity error is detected
(PE bit set). It is set and cleared by software.
0: Parity error interrupt disabled
1: Parity error interrupt enabled.
70
R8
T8
SCID
M
WAKE
PCE
PS
PIE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com