Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72F321AR7T6 Datasheet(PDF) 109 Page - STMicroelectronics

Part # ST72F321AR7T6
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  185 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321AR7T6 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button ST72F321AR7T6 Datasheet HTML 105Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 106Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 107Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 108Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 109Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 110Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 111Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 112Page - STMicroelectronics ST72F321AR7T6 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 185 page
background image
ST72321
109/185
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
CONTROL REGISTER 2 (SCICR2)
Read/Write
Reset Value: 0000 0000 (00 h)
Bit 7 = TIE
Transmitter interrupt enable.
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SCI interrupt is generated whenever
TDRE=1 in the SCISR register
Bit 6 = TCIE
Transmission complete interrupt ena-
ble
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SCI interrupt is generated whenever TC=1 in
the SCISR register
Bit 5 = RIE
Receiver interrupt enable.
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SCI interrupt is generated whenever OR=1
or RDRF=1 in the SCISR register
Bit 4 = ILIE
Idle line interrupt enable.
This bit is set and cleared by software.
0: Interrupt is inhibited
1: An SCI interrupt is generated whenever IDLE=1
in the SCISR register.
Bit 3 = TE
Transmitter enable.
This bit enables the transmitter. It is set and
cleared by software.
0: Transmitter is disabled
1: Transmitter is enabled
Notes:
– During transmission, a “0” pulse on the TE bit
(“0” followed by “1”) sends a preamble (idle line)
after the current word.
– When TE is set there is a 1 bit-time delay before
the transmission starts.
Caution: The TDO pin is free for general purpose
I/O only when the TE and RE bits are both cleared
(or if TE is never set).
Bit 2 = RE
Receiver enable.
This bit enables the receiver. It is set and cleared
by software.
0: Receiver is disabled
1: Receiver is enabled and begins searching for a
start bit
Bit 1 = RWU
Receiver wake-up.
This bit determines if the SCI is in mute mode or
not. It is set and cleared by software and can be
cleared by hardware when a wake-up sequence is
recognized.
0: Receiver in Active mode
1: Receiver in Mute mode
Note: Before selecting Mute mode (setting the
RWU bit), the SCI must receive some data first,
otherwise it cannot function in Mute mode with
wakeup by idle line detection.
Bit 0 = SBK
Send break.
This bit set is used to send break characters. It is
set and cleared by software.
0: No break character is transmitted
1: Break characters are transmitted
Note: If the SBK bit is set to “1” and then to “0”, the
transmitter will send a BREAK word at the end of
the current word.
70
TIE
TCIE
RIE
ILIE
TE
RE
RWU
SBK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com