Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72631K2B0 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST72631K2B0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K2B0 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST72631K2B0 Datasheet HTML 91Page - STMicroelectronics ST72631K2B0 Datasheet HTML 92Page - STMicroelectronics ST72631K2B0 Datasheet HTML 93Page - STMicroelectronics ST72631K2B0 Datasheet HTML 94Page - STMicroelectronics ST72631K2B0 Datasheet HTML 95Page - STMicroelectronics ST72631K2B0 Datasheet HTML 96Page - STMicroelectronics ST72631K2B0 Datasheet HTML 97Page - STMicroelectronics ST72631K2B0 Datasheet HTML 98Page - STMicroelectronics ST72631K2B0 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 109 page
background image
ST7263
95/109
7.3 OPERATING CONDITIONS
General Operating Conditions
(T
A = 0 to +70°C unless otherwise specified)
Note 1: USB 1.1 specifies that the power supply must be between 4.00 and 5.25 Volts. The USB cell is
therefore guaranteed only in that range.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage 1)
fCPU = 4 MHz ; USB not guaranteed
3.00
4.00
V
fCPU = 8 MHz ; USB not guaranteed
VIT+
4.00
V
fCPU = 8 MHz or 4 MHz
USB guaranteed
4.0
5.25
fCPU = 8 MHz or 4 MHz
USB not guaranteed
5.25
5.50
fOSC
External clock frequency
12
24
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com