Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB352G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # MB352G
Description  35A Single-Phase Glass Passived Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

MB352G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  MB352G Datasheet HTML 1Page - TAITRON Components Incorporated MB352G Datasheet HTML 2Page - TAITRON Components Incorporated MB352G Datasheet HTML 3Page - TAITRON Components Incorporated MB352G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
35A Single-Phase Glass Passivated Bridge Rectifier
Rev. A/DX 2007-06-09
MB3505G – MB3510G
www.taitroncomponents.com
Page 2 of 4
Fig.1- Forward Current Derating Curve
TA, Ambient Temperature (°C)
Fig.2-Max. Non-repetitive Peak
Forward Surge Current Per Leg
Number of Cycle at 60Hz
Symbol
Description
MB35
05G
MB35
1G
MB35
2G
MB35
4G
MB35
6G
MB35
8G
MB35
10G
Unit
Conditions
VFM
Forward Voltage per leg
1.1
V
IO=17.5A
10
µA
TC = 25°C
IRM
Max. Reverse DC
Current At Rated DC
Blocking Voltage per leg
1000
µA
TC = 125°C
I²t
Rating for Fusing
(t<8.3ms)
373
A²s
CJ
Typical junction
capacitance per leg
300
pF
f=1MHz
,
VR= 4V
RthJC
Typical Thermal
Resistance per leg
2.1
°C / W Note
VISO
RMS Isolation Voltage
from Case to Leads
2500
V
TJ,TSTG
Operating Junction and
Storage Temperature
Range
-65 to +150
° C
Note: Thermal Resistance junction to case, mounted on heatsink.
Typical Characteristics Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com