Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72631K2D0 Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST72631K2D0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K2D0 Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST72631K2D0 Datasheet HTML 89Page - STMicroelectronics ST72631K2D0 Datasheet HTML 90Page - STMicroelectronics ST72631K2D0 Datasheet HTML 91Page - STMicroelectronics ST72631K2D0 Datasheet HTML 92Page - STMicroelectronics ST72631K2D0 Datasheet HTML 93Page - STMicroelectronics ST72631K2D0 Datasheet HTML 94Page - STMicroelectronics ST72631K2D0 Datasheet HTML 95Page - STMicroelectronics ST72631K2D0 Datasheet HTML 96Page - STMicroelectronics ST72631K2D0 Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 109 page
background image
ST7263
93/109
7 ELECTRICAL CHARACTERISTICS
7.1 ABSOLUTE MAXIMUM RATINGS
Devices of the ST 72 family contain circuitry to pro-
tect the inputs against damage due to high static
voltage or electric fields. Nevertheless, it is recom-
mended that normal precautions be observed in
order to avoid subjecting this high-impedance cir-
cuit to voltages above those quoted in the Abso-
lute Maximum Ratings. For proper operation, it is
recommended that the input voltage VIN be con-
strained within the range:
(VSS - 0.3V) ≤ VIN ≤ (VDD + 0.3V)
To enhance reliability of operation, it is recom-
mended to configure unused I/Os as inputs and to
connect them to an appropriate logic voltage level
such as VSS or VDD. it is also recommended to
connect VDDA and VDD together on application.
(same remark for VSSA and VSS).
All the voltage in the following tables are refer-
enced to VSS.
Stresses above those listed as “Absolute Maxi-
mum Ratings” may cause permanent damage to
the device. Functional operation of the device at
these conditions is not implied. Exposure to maxi-
mum rating conditions for extended periods may
affect device reliability.
Table 24. Absolute Maximum Ratings (Voltage Referenced to V
SS)
Symbol
Ratings
Value
Unit
VDD
Recommended Supply Voltage
- 0.3 to +6.0
V
VDDA
Analog Reference Voltage
- 0.3 to +6.0
V
|VDDA - VDD|
Max. variations on Power Line
50
mV
|VSSA - VSS|
Max. variations on Ground Line
50
mV
IVDD - IVSS
Total current into VDD/VSS
80/80
mA
VIN
Input Voltage
VSS - 0.3 to VDD + 0.3
V
VOUT
Output Voltage
VSS - 0.3 to VDD + 0.3
V
TA
Ambient Temperature Range
TL to TH
0 to + 70
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TJ
Junction Temperature
150
°C
PD
Power Dissipation
350
mW
ESD
ESD susceptibility
2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com