Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST75951 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST75951
Description  V.34/56K ANALOG FRONT END
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75951 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST75951 Datasheet HTML 7Page - STMicroelectronics ST75951 Datasheet HTML 8Page - STMicroelectronics ST75951 Datasheet HTML 9Page - STMicroelectronics ST75951 Datasheet HTML 10Page - STMicroelectronics ST75951 Datasheet HTML 11Page - STMicroelectronics ST75951 Datasheet HTML 12Page - STMicroelectronics ST75951 Datasheet HTML 13Page - STMicroelectronics ST75951 Datasheet HTML 14Page - STMicroelectronics ST75951 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FUNCTIONAL DESCRIPTION (continued)
1MHz
D3
RING
BIT &
OUTPUT
V
CM
D4
V
CM
D5
D6
1MHz
Figure 15
D5 = D6 = VDD.
7.3 - Caller ID
Depending on Pin HM status (see Table 2), 2 pos-
sibilities are offered to control the device to go in
caller ID state.
F0 clock is send to D5, in caller ID mode the
modulation frequency of ST952 is equal to F0/2, so
the demodulation on the receive signal at D3, D4
is at F0/2 in caller ID mode.
V
DD
F0
D5
D6
Figure 16
D6 = VDD.
F
O Output at D5
F
O/2 Demod
Control Signal
Caller ID Mode Phase Relative Hip
Figure 17
8 - Phone Line Monitoring Features
This chipset is intended to be used for a wide range
of application such as modem, answering machine,
telephony on PC, so because the home PSTN
phone line will be shared by several terminals,
information concerning the line status has to be
sent to the host.
As long as there is an alerting signal at D3, D4 Pins,
the ADC converter is saturated and outputs 7FFF
or 8000 at DOUT Pin.
8.1 - Line In Use Checking
Before going OFF-HOOK the modem software can
check that the line is free by setting the CLID mode
and check that the RING Pin/bit output a low pulse.
When in CLID mode if the line is free the ST952 will
output a F0/2, 5VPP differential signal on D3, D4
(see Figure 18).
8.2 - Digital Phone Line or Over Loop Current
Limit Detect
When portable modem plug into digital line, it will cause
over loop current during modem off-hook state.
The modem controller should know this condition
and go onhook to avoid the DAA being damaged.
ST952 when OFF-HOOK will determine if the loop
current exceeds the current limit or not (160mA).
If we have overcurrent ST952 will continuously
output a low level on RING output Pin.
ST75951
11/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com