Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72631K1M0 Datasheet(PDF) 59 Page - STMicroelectronics

Part # ST72631K1M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72631K1M0 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ST72631K1M0 Datasheet HTML 55Page - STMicroelectronics ST72631K1M0 Datasheet HTML 56Page - STMicroelectronics ST72631K1M0 Datasheet HTML 57Page - STMicroelectronics ST72631K1M0 Datasheet HTML 58Page - STMicroelectronics ST72631K1M0 Datasheet HTML 59Page - STMicroelectronics ST72631K1M0 Datasheet HTML 60Page - STMicroelectronics ST72631K1M0 Datasheet HTML 61Page - STMicroelectronics ST72631K1M0 Datasheet HTML 62Page - STMicroelectronics ST72631K1M0 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 109 page
background image
ST7263
59/109
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
5.5.4.4 Baud Rate Generation
The baud rates for the receiver and transmitter (Rx
and Tx) are set independently and calculated as
follows:
with:
PR = 1, 3, 4 or 13 (see SCP0 & SCP1 bits)
TR = 1, 2, 4, 8, 16, 32, 64,128
(see SCT0, SCT1 & SCT2 bits)
RR = 1, 2, 4, 8, 16, 32, 64,128
(see SCR0,SCR1 & SCR2 bits)
All these bits are in the BRR register.
Example: If fCPU is 8 MHz and if PR=13 and
TR=RR=1, the transmit and receive baud rates are
19200 bauds.
Note: The baud rate registers MUST NOT be
changed while the transmitter or the receiver is en-
abled.
5.5.4.5 Receiver Muting and Wake-up Feature
In multiprocessor configurations it is often desira-
ble that only the intended message recipient
should actively receive the full message contents,
thus reducing redundant SCI service overhead for
all non addressed receivers.
The non addressed devices may be placed in
sleep mode by means of the muting function.
Setting the RWU bit by software puts the SCI in
sleep mode:
All the reception status bits can not be set.
All the receive interrupt are inhibited.
A muted receiver may be awakened by one of the
following two ways:
– by Idle Line detection if the WAKE bit is reset,
– by Address Mark detection if the WAKE bit is set.
The Receiver wakes-up by Idle Line detection
when the Receive line has recognised an Idle
Frame. Then the RWU bit is reset by hardware but
the IDLE bit is not set.
The Receiver wakes-up by Address Mark detec-
tion when it received a “1” as the most significant
bit of a word, thus indicating that the message is
an address. The reception of this particular word
wakes up the receiver, resets the RWU bit and
sets the RDRF bit, which allows the receiver to re-
ceive this word normally and to use it as an ad-
dress word.
Tx =
(32*PR)*TR
fCPU
Rx =
(32*PR)*RR
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com