Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72E631K1M0 Datasheet(PDF) 98 Page - STMicroelectronics

Part # ST72E631K1M0
Description  LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72E631K1M0 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button ST72E631K1M0 Datasheet HTML 94Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 95Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 96Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 97Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 98Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 99Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 100Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 101Page - STMicroelectronics ST72E631K1M0 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 109 page
background image
ST7263
98/109
7.6 LOW VOLTAGE DETECTOR (LVD) CHARACTERISTICS
7.7 CONTROL TIMING CHARACTERISTICS
(Operating conditions T
A = 0 to +70°C unless otherwise specified)
Note 1: The minimum period t
ILIL should not be less than the number of cycle times it takes to execute the
interrupt service routine plus 21 cycles.
C
LOW VOLTAGE RESET Electrical Specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+
Low Voltage Reset Threshold
VDD rising
VDD Max. Variation
50mV/
µs
3.6
3.75
4.0
V
VIT-
Low Voltage Reset Threshold
VDD falling
VDD Max. Variation
50mV/
µs
3.2
3.5
3.7
V
Vhys
Hysteresis (VIT+ - VIT-)
200
250
mV
CONTROL TIMINGS
Symbol
Parameter
Conditions
Value
Unit
Min
Typ.
Max
fOSC
Oscillator Frequency
24
MHz
fCPU
Operating Frequency
8
MHz
tRL
External RESET
Input pulse Width
1.5
tCPU
tPORL
Internal Power Reset Duration
4096
tCPU
TDOGL
Watchdog & Low Voltage Reset
Output Pulse Width
200
ns
tDOG
Watchdog Time-out
fcpu = 8MHz
49152
6
3145728
384
tCPU
ms
tOXOV
Crystal Oscillator
Start-up Time
50
ms
tDDR
Power up rise time
from VDD = 0 to 4V
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com