Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F5000 Datasheet(PDF) 1 Page - Fox Electronics

Part # F5000
Description  VCXO SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F5000 Datasheet(HTML) 1 Page - Fox Electronics

  F5000 Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
66
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 941-693-0099 FAX 941-693-1554 http://www.foxonline.com
© 2000 FOX ELECTRONICS
The F5000 series gives the frequency control features of a VCXO
in a smaller, ceramic surface mount package. Frequency can be
pulled a minimum to ±100PPM by varying a control voltage of 2.5
V applied to pin 1 by up to ±2 V.
FEATURES
• HCMOS/TTL Output
• Pullability
• Smaller Package than Traditional, Thru-Hole VCXO's
• Low Power Consumption
• -40 ~ +85ºC Option (F5000R)
VCXO SMD / VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
F5000
*
Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging, shock, vibration and Vc = 2.5V.
*** An internal pullup resistor from Pin 2 to Pin 6 allows active output if Pin 2 is left open.
All specifications subject to change without notice. Rev. 03/02/00
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENABLE/DISABLE FUNCTION **
INH (Pin 2)
OPEN ***
'1' Level VIH ³ 2.2 V
'0' Level VIL £ 0.80 V
UNITS
MHz
PPM
ºC
V
V
PPM
mA
%
nS
V
mA
LSTTL
pF
mS
nS
dBc/Hz
PPM
%
kHz
MAX
30.000
+50
+70
+85
+5.25
+4.5
25
60
10
10
0.5
3.2
0.1
8
15
10
100
+3.0
+10
PARAMETERS
Frequency Range (Fo)
Frequency Stability
Temperature Range
Operating
(TOPR)
Storage
(TSTG)
Supply Voltage
(VDD)
Control Voltage
(Vc)
Pullability
Input Current
(IDD)
Output Symmetry
Rise Time
(TR)
Fall Time
(TF)
Output Voltage
(VOL)
(VOH)
Output Current
(IOL)
(IOH)
Output Load
Start-up Time
(TS)
Enable/Disable Time **
Phase Noise
Frequency
Stability vs Voltage
Linearity
Modulation Bandwidth
• ELECTRICAL CHARACTERISTICS (VDD = 5.0V, CL = Max)
CONDITIONS
All Conditions *
Vc = 2.5 ±2.0V
2.5V
1.0V ~ 4.0V
4.0V ~ 1.0V
IOL = 3.2 mA
IOH = 0.1 mA
VOL = 0.5V
VOH = 4.5V
TTL Load
HCMOS Load
Fo +1 kHz
Fo + 10 kHz
FREQUENCY RANGE
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
2.000 ~ 30.000
MIN
2.000
-50
-10
-30
+4.75
+0.5
±100
40
4.5
-125
-130
-3.0
-10
20
All dimensions are in millimeters.
See page 74 for tape and reel specifications.


Similar Part No. - F5000

ManufacturerPart #DatasheetDescription
logo
Kontron
F5000-C009 KONTRON-F5000-C009 Datasheet
2Mb / 5P
Intel® Celeron® Processor J4005/J4105 & Intel® Pentium®
F5000-C009 KONTRON-F5000-C009 Datasheet
1Mb / 3P
Industrial chassis for enhanced operating temperature range
F5000-C010 KONTRON-F5000-C010 Datasheet
2Mb / 5P
Intel® Celeron® Processor J4005/J4105 & Intel® Pentium®
F5000-C010 KONTRON-F5000-C010 Datasheet
1Mb / 3P
Industrial chassis for enhanced operating temperature range
F5000-C011 KONTRON-F5000-C011 Datasheet
1Mb / 3P
Industrial chassis for enhanced operating temperature range
More results

Similar Description - F5000

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5100 FOX-F5100 Datasheet
220Kb / 1P
VCXO 3.3V SMD/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
logo
NIHON DEMPA KOGYO
7311D NDK-7311D Datasheet
77Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311E NDK-7311E Datasheet
79Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
7311F NDK-7311F Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SA NDK-NV5032SA Datasheet
78Kb / 1P
Voltage-Controlled Crystal Oscillator (VCXO)
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
NV5032SB NDK-NV5032SB Datasheet
309Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
NV7050SA NDK-NV7050SA_15 Datasheet
287Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO)
logo
TXC Corporation.
6U-SERIES TXC-6U-SERIES Datasheet
949Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
CJ-SERIES TXC-CJ-SERIES Datasheet
942Kb / 1P
Voltage Controlled Crystal Oscillator (VCXO).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com