Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM6640FS16AW45LL Datasheet(PDF) 1 Page - Emerging Memory & Logic Solutions Inc

Part # EM6640FS16AW45LL
Description  128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM6640FS16AW45LL Datasheet(HTML) 1 Page - Emerging Memory & Logic Solutions Inc

  EM6640FS16AW45LL Datasheet HTML 1Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 2Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM6640FS16AW45LL Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
EM620FU16 Series
Low Power, 128Kx16 SRAM
1
merging Memory & Logic Solutions Inc.
merging Memory & Logic Solutions Inc.
Document Title
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Revision History
Revision No.
History
Draft Date
Remark
0.0
Initial Draft
December 18, 2002
0.1
2’nd Draft
Add Pb-free part number
February 13 , 2004
Emerging Memory & Logic Solutions Inc.
IT Venture Tower Eastside 11F, 78, Karac-Dong, Songpa-Ku, Seoul, Rep.of Korea
Zip Code : 138-160
Tel : +82-2-2142-1759~1766 Fax : +82-2-2142-1769 /
Homepage : www.emlsi.com
The attached datasheets are provided by EMLSI reserve the right to change the specifications and products. EMLSI will answer to your
questions about device. If you have any questions, please contact the EMLSI office.


Similar Part No. - EM6640FS16AW45LL

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM6640FS16AW55L EMLSI-EM6640FS16AW55L Datasheet
70Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW55S EMLSI-EM6640FS16AW55S Datasheet
70Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW85L EMLSI-EM6640FS16AW85L Datasheet
70Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM6640FS16AW85S EMLSI-EM6640FS16AW85S Datasheet
70Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM6640FS16AW45LL

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2016U4E SAMSUNG-K6F2016U4E Datasheet
158Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016V4E SAMSUNG-K6F2016V4E Datasheet
158Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2016U4D SAMSUNG-K6F2016U4D Datasheet
117Kb / 9P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV16B ETC2-EM620FV16B Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
logo
Emerging Memory & Logic...
EM620FV16B EMLSI-EM620FV16B Datasheet
434Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FV16BU EMLSI-EM621FV16BU Datasheet
379Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16BU EMLSI-EM621FU16BU Datasheet
362Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
EM621FU16 EMLSI-EM621FU16 Datasheet
72Kb / 11P
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FU16B EMLSI-EM620FU16B Datasheet
390Kb / 11P
128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com