Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VABD6 Datasheet(PDF) 1 Page - CUI INC

Part # VABD6
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VABD6 Datasheet(HTML) 1 Page - CUI INC

  VABD6 Datasheet HTML 1Page - CUI INC VABD6 Datasheet HTML 2Page - CUI INC VABD6 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VABD6 series
features
·5-6 W isolated output
·efficiency to 82%
·2:1 input range
·regulated outputs
·Pi input filter
·24-Pin DIP package
·meets EN55022 Class B, conducted
·remote ON/OFF option
model
input
output
output
input current
number
voltage
voltage
current
no load
full load
efficiency
VABD6-D12-S3R3
9-18VDC
3.3VDC
1000mA
7.5mA
393mA
70%
VABD6-D12-S5
9-18VDC
5VDC
1000mA
7.5mA
545mA
76%
VABD6-D12-S12
9-18VDC
12VDC
470mA
7.5mA
585mA
80%
VABD6-D12-S15
9-18VDC
15VDC
400mA
7.5mA
625mA
80%
VABD6-D12-D12
9-18VDC
±12VDC
±230mA
12mA
575mA
80%
VABD6-D12-D15
9-18VDC
±15VDC
±190mA
12mA
590mA
80%
VABD6-D12-D5
9-18VDC
±5VDC
±500mA
12mA
545mA
76%
VABD6-D24-S3R3
18-36VDC
3.3VDC
1000mA
5mA
197mA
70%
VABD6-D24-S5
18-36VDC
5VDC
1000mA
5mA
265mA
78%
VABD6-D24-S12
18-36VDC
12VDC
470mA
5mA
285mA
82%
VABD6-D24-S15
18-36VDC
15VDC
400mA
5mA
305mA
82%
VABD6-D24-D12
18-36VDC
±12VDC
±230mA
7.5mA
285mA
81%
VABD6-D24-D15
18-36VDC
±15VDC
±190mA
7.5mA
295mA
81%
VABD6-D24-D5
18-36VDC
±5VDC
±500mA
7.5mA
265mA
78%
VABD6-D48-S3R3
36-72VDC
3.3VDC
1000mA
2mA
98mA
70%
VABD6-D48-S5
36-72VDC
5VDC
1000mA
2mA
133mA
78%
VABD6-D48-S12
36-72VDC
12VDC
470mA
2mA
145mA
81%
VABD6-D48-S15
36-72VDC
15VDC
400mA
2mA
154mA
81%
VABD6-D48-D12
36-72VDC
±12VDC
±230mA
3mA
142mA
81%
VABD6-D48-D15
36-72VDC
±15VDC
±190mA
3mA
147mA
81%
VABD6-D48-D5
36-72VDC
±5VDC
±500mA
3mA
133mA
78%
NOTES:
1. suffix “HM” for 1.5K Vdc isolation
2. suffix “H” for 3K Vdc isolation
3. suffix “-SMT” for SMT case style
4. suffix “-1” for on/off control option


Similar Part No. - VABD6

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VABD-10-B FESTO-VABD-10-B Datasheet
102Kb / 1P
Separator
VABD-10-B-F1A FESTO-VABD-10-B-F1A Datasheet
101Kb / 1P
Separator
VABD-12-B FESTO-VABD-12-B Datasheet
102Kb / 1P
Separator
VABD-14-B FESTO-VABD-14-B Datasheet
102Kb / 1P
Separator
VABD-14-B-F1A FESTO-VABD-14-B-F1A Datasheet
100Kb / 1P
Separator
More results

Similar Description - VABD6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com