Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VAD3 Datasheet(PDF) 1 Page - CUI INC

Part # VAD3
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAD3 Datasheet(HTML) 1 Page - CUI INC

  VAD3 Datasheet HTML 1Page - CUI INC VAD3 Datasheet HTML 2Page - CUI INC VAD3 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAD3 series
features
·3W isolated output
·efficiency to 80%
·regulated outputs
·Pi input filter
·low ripple and noise
·24-Pin DIP package
·continuous short circuit
protection
model
input
output
output
input current
number1, 2, 3
voltage
voltage
current
no load
full load
efficiency
VAD3-D5-S3R3
4.5-6.0VDC
3.3VDC
600mA
15mA
619mA
64%
VAD3-D5-S5
4.5-6.0VDC
5VDC
600mA
15 mA
850 mA
70%
VAD3-D5-S12
4.5-6.0VDC
12VDC
250mA
15mA
800mA
75%
VAD3-D5-S15
4.5-6.0VDC
15VDC
200mA
15mA
800mA
75%
VAD3-D5-D5
4.5-6.0VDC
±5VDC
±300mA
25mA
850mA
70%
VAD3-D5-D12
4.5-6.0VDC
±12VDC
±125mA
25mA
800mA
75%
VAD3-D5-D15
4.5-6.0VDC
±15VDC
±100mA
25mA
800mA
75%
VAD3-D12-S3R3
9-18VDC
3.3VDC
600mA
7.5mA
236mA
70%
VAD3-D12-S5
9-18VDC
5VDC
600mA
7.5mA
340mA
73%
VAD3-D12-S12
9-18VDC
12VDC
250mA
7.5mA
320mA
78%
VAD3-D12-S15
9-18VDC
15VDC
200mA
7.5mA
320mA
78%
VAD3-D12-D5
9-18VDC
±5VDC
±300mA
12mA
340mA
73%
VAD3-D12-D12
9-18VDC
±12VDC
±125mA
12mA
320mA
78%
VAD3-D12-D15
9-18VDC
±15VDC
±100mA
12mA
320mA
78%
VAD3-D24-S3R3
18-36VDC
3.3VDC
600mA
5mA
113mA
73%
VAD3-D24-S5
18-36VDC
5VDC
600mA
5mA
168mA
74%
VAD3-D24-S12
18-36VDC
12VDC
250mA
5mA
156mA
80%
VAD3-D24-S15
18-36VDC
15VDC
200mA
5mA
156mA
80%
VAD3-D24-D5
18-36VDC
±5VDC
±300mA
7.5mA
168mA
74%
VAD3-D24-D12
18-36VDC
±12VDC
±125mA
7.5mA
156mA
80%
VAD3-D24-D15
18-36VDC
±15VDC
±100mA
7.5mA
156mA
80%
VAD3-D48-S3R3
36-72VDC
3.3VDC
600mA
3mA
58mA
71%
VAD3-D48-S5
36-72VDC
5VDC
600mA
2mA
82mA
76%
VAD3-D48-S12
36-72VDC
12VDC
250mA
2mA
78mA
80%
VAD3-D48-S15
36-72VDC
15VDC
200mA
2mA
78mA
80%
VAD3-D48-D5
36-72VDC
±5VDC
±300mA
3mA
82mA
76%
VAD3-D48-D12
36-72VDC
±12VDC
±125mA
3mA
80mA
78%
VAD3-D48-D15
36-72VDC
±15VDC
±100mA
3mA
80mA
78%
NOTES:
1. Suffix “HM” for 1.5K Vdc isolation
2. Suffix “H” for 3K Vdc isolation
3. Suffix “-SMT” for SMT case style


Similar Part No. - VAD3

ManufacturerPart #DatasheetDescription
logo
CUI INC
VAD3-D48-S5 CUI-VAD3-D48-S5 Datasheet
249Kb / 3P
DC/DC converter
logo
Lumberg
VAD3C-4-1-M12-5 LUMBERG-VAD3C-4-1-M12-5 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results

Similar Description - VAD3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com