Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VASD1-DIP Datasheet(PDF) 2 Page - CUI INC

Part # VASD1-DIP
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VASD1-DIP Datasheet(HTML) 2 Page - CUI INC

  VASD1-DIP Datasheet HTML 1Page - CUI INC VASD1-DIP Datasheet HTML 2Page - CUI INC VASD1-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION:
DC/DC converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VASD1-DIP series
GENERAL SPECIFICATIONS
short circuit protection
<1 second
temperature rise at full load
25°C Max, 15°C typ.
cooling
free air convection
operating temperature range
-40°C to +85°C
storage temperature range
-55°C to +125°C
soldering temperature
300°C (1.5mm from case for 10 sec.)
storage humidity range
<95%
case material
plastic (UL94-V0)
safety
approved to UL60950-1 (E222736)
MTBF
>3,500,000 hrs.
burn-in
full load at +85°C, for 4 hours at no-load and 4 hours at full load.
ISOLATION SPECIFICATIONS
item
test conditions
min.
typ.
max.
units
isolation voltage
tested for 1 min.
1000
Vdc
insulation resistance
test at 500 Vdc
1000
M Ω
DIMENSIONS (mm)
TYPICAL CHARACTERISTICS
Pin
1
7
8
9
11
14
-Vin
NC
COM
+Vout
-Vout
+Vin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com