Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VASD2-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VASD2-DIP
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VASD2-DIP Datasheet(HTML) 1 Page - CUI INC

  VASD2-DIP Datasheet HTML 1Page - CUI INC VASD2-DIP Datasheet HTML 2Page - CUI INC VASD2-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION:
DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VASD2-DIP series
features
·isolated 2 W output
·temperature range: -40°C~+85°C
·unregulated
·high efficiency to 87%
·dual voltage output
·small footprint
·DIP package style
·industry standard pinout
·UL94-V0 package
·no heatsink required
·1K Vdc isolation
·power density 1.42 W/cm³
·no external component required
·low cost
description
Designed to convert fixed volt-
ages into an isolated voltage, the
VASD2-DIP series is well suited
for providing board-mount local
supplies in a wide range of appli-
cations, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
OUTPUT SPECIFICATIONS
item
test conditions
min.
typ.
max.
units
output power
0.2
2
W
line regulation
for Vin change of 1%
1.2
%
load regulation
10% to 100% full load
10
15
%
output voltage accuracy
see tolerance envelope graph
temperature drift
@ 100% load
0.03
%/°C
output ripple
20 MHz Bandwidth
100
150
mVp-p
switching frequency
full load, nominal input
75
KHz
NOTE:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.
model
input voltage
output
output current
package
number
nominal
range
voltage
max.
min.
efficiency
style
VASD2-S5-D5-DIP
5 Vdc
4.5~5.5 Vdc
±5 Vdc
±200 mA
±20 mA
82%
DIP
VASD2-S5-D9-DIP
5 Vdc
4.5~5.5 Vdc
±9 Vdc
±111 mA
±12 mA
83%
DIP
VASD2-S5-D12-DIP
5 Vdc
4.5~5.5 Vdc
±12 Vdc
±83 mA
±5 mA
85%
DIP
VASD2-S5-D15-DIP
5 Vdc
4.5~5.5 Vdc
±15 Vdc
±67 mA
±7 mA
85%
DIP
VASD2-S12-D5-DIP
12 Vdc
10.8~13.2 Vdc
±5 Vdc
±200 mA
±20 mA
83%
DIP
VASD2-S12-D9-DIP
12 Vdc
10.8~13.2 Vdc
±9 Vdc
±111 mA
±12 mA
84%
DIP
VASD2-S12-D12-DIP
12 Vdc
10.8~13.2 Vdc
±12 Vdc
±83 mA
±9 mA
86%
DIP
VASD2-S12-D15-DIP
12 Vdc
10.8~13.2 Vdc
±15 Vdc
±67 mA
±7 mA
86%
DIP
VASD2-S24-D5-DIP
24 Vdc
21.6~26.4 Vdc
±5 Vdc
±200 mA
±20 mA
84%
DIP
VASD2-S24-D9-DIP
24 Vdc
21.6~26.4 Vdc
±9 Vdc
±111 mA
±12 mA
85%
DIP
VASD2-S24-D12-DIP
24 Vdc
21.6~26.4 Vdc
±12 Vdc
±83 mA
±9 mA
87%
DIP
VASD2-S24-D15-DIP
24 Vdc
21.6~26.4 Vdc
±15 Vdc
±67 mA
±7 mA
87%
DIP


Similar Part No. - VASD2-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VASD2-S12-D12-SIP CUI-VASD2-S12-D12-SIP Datasheet
173Kb / 3P
DC/DC converter
VASD2-S12-D15-SIP CUI-VASD2-S12-D15-SIP Datasheet
173Kb / 3P
DC/DC converter
VASD2-S12-D5-SIP CUI-VASD2-S12-D5-SIP Datasheet
173Kb / 3P
DC/DC converter
VASD2-S12-D9-SIP CUI-VASD2-S12-D9-SIP Datasheet
173Kb / 3P
DC/DC converter
VASD2-S24-D12-SIP CUI-VASD2-S24-D12-SIP Datasheet
173Kb / 3P
DC/DC converter
More results

Similar Description - VASD2-DIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com