Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBED10 Datasheet(PDF) 1 Page - CUI INC

Part # VBED10
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBED10 Datasheet(HTML) 1 Page - CUI INC

  VBED10 Datasheet HTML 1Page - CUI INC VBED10 Datasheet HTML 2Page - CUI INC VBED10 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/ 3
Rev. 06-2006
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VBED10 Series DC-DC Converter
Features
·10W isolated output
·Efficiency to 82%
·Pi Input filter
·2:1 input range
·Continuous short cuicuit protection
·Meets EN55022 Class A, Conducted
Model
Input
Output
Output Current
Input Current
Efficiency
Number
Voltage
Voltage
Min.
Max.
No Load
Full Load
VBED10-D12-S5
9-18VDC
5VDC
100mA
2000mA
30mA
1100mA
76%
VBED10-D12-S12 9-18VDC
12VDC
45mA
830mA
30mA
1065mA
78%
VBED10-D12-S15 9-18VDC
15VDC
35mA
666mA
30mA
1065mA
78%
VBED10-D12-D12 9-18VDC
±12VDC
±25mA
±415mA
40mA
1065mA
78%
VBED10-D12-D15 9-18VDC
±15VDC
±20mA
±333mA
40mA
1065mA
78%
VBED10-D12-D5
9-18VDC
±5VDC
±50mA
±1000mA
40mA
1065mA
78%
VBED10-D24-S5
18-36VDC
5VDC
100mA
2000mA
20mA
535mA
78%
VBED10-D24-S12 18-36VDC
12VDC
45mA
830mA
20mA
520mA
80%
VBED10-D24-S15 18-36VDC
15VDC
35mA
666mA
20mA
520mA
80%
VBED10-D24-D12 18-36VDC
±12VDC
±25mA
±415mA
20mA
520mA
80%
VBED10-D24-D15 18-36VDC
±15VDC
±20mA
±333mA
20mA
520mA
80%
VBED10-D24-D5
18-36VDC
±5VDC
±50mA
±1000mA
20mA
520mA
80%
VBED10-D48-S5
36-72VDC
5VDC
100mA
2000mA
10mA
260mA
80%
VBED10-D48-S12 36-72VDC
12VDC
45mA
830mA
10mA
254mA
82%
VBED10-D48-S15 36-72VDC
15VDC
35mA
666mA
10mA
254mA
82%
VBED10-D48-D12 36-72VDC
±12VDC
±25mA
±415mA
10mA
254mA
82%
VBED10-D48-D15 36-72VDC
±15VDC
±20mA
±333mA
10mA
254mA
82%
VBED10-D48-D5
36-72VDC
±5VDC
±50mA
±1000mA
10mA
254mA
82%


Similar Part No. - VBED10

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBED15 CUI-VBED15 Datasheet
253Kb / 3P
DC/DC Converter
VBED15-D12-D12 CUI-VBED15-D12-D12 Datasheet
253Kb / 3P
DC/DC Converter
logo
List of Unclassifed Man...
VBED15-D12-D12 ETC2-VBED15-D12-D12 Datasheet
460Kb / 3P
쨌15W Isolated Output
logo
CUI INC
VBED15-D12-D15 CUI-VBED15-D12-D15 Datasheet
253Kb / 3P
DC/DC Converter
logo
List of Unclassifed Man...
VBED15-D12-D15 ETC2-VBED15-D12-D15 Datasheet
460Kb / 3P
쨌15W Isolated Output
More results

Similar Description - VBED10

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com