Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VBED15 Datasheet(PDF) 2 Page - CUI INC

Part # VBED15
Description  DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VBED15 Datasheet(HTML) 2 Page - CUI INC

  VBED15 Datasheet HTML 1Page - CUI INC VBED15 Datasheet HTML 2Page - CUI INC VBED15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION:
DC/DC Converter
2 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VBED15 Series
NOTES:
1. Measured from high line to low line
2. Measured from full load to 1/4 load
General Specifications
Efficiency
see table
Isolation Voltage
500VDC min.
Isolation Resistance
108 ohms min
Switching Frequency
300KHz, Typical
Operating Temperature Range
-25°C to +71°C
Case Temperature
100°C max.
Storage Temperature
-40°C to +100°C
safety
approved to UL60950 (E222736)
EMI/RFI
Six sided Continuous Shield
Dimensions
2.0x1.0x0.4 inches
(50.8x25.4x10.2mm)
Case Material
Black Coated Copper with
Non-Conductive Base
OPTIONS:
1. Suffix “-1” to the Model number for Remote On/Off Control:
Logic Compatibility
CMOS or Open Collector TTL
Output-ON
>+5.5VDC or Open Circuit
Output-OFF
<1.8VDC
Control Common
Referenced to Input Minus
2. Suffix “A” to the Model Number for Output Voltage adj feature. Single Output
Only. Adj. range
±10%.
Input
Input Voltage Range
12V
9-18V
24V
18-36V
48V
36-72V
Input Filter Type
PI Type
Output
Voltage Accuracy
Single Output
±1.0% max.
Dual + Output
±1.0% max.
Dual - Ouput
±1.0% max.
Voltage Balence (Dual)
±1.0% max.
Transient Response
Single Output: 25% Step Load Change
<500µS
Dual Output: FL-1/2L, ±1% Error Band
<500µS
Ripple & Noise
20MHz BW, w/o .1µF on Output
75mV p-p., max
Temperature Coefficient
±0.02%/°C
Short Circuit Protection
Continuous
Line Regulation1
Single/Dual Output
±0.2% max
Load Regulation2
Single/Dual Ouput
±1.0% max



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com