Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDSD1-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VDSD1-DIP
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDSD1-DIP Datasheet(HTML) 1 Page - CUI INC

  VDSD1-DIP Datasheet HTML 1Page - CUI INC VDSD1-DIP Datasheet HTML 2Page - CUI INC VDSD1-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION:
DC/DC converter
1 of 3
09/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300 fax 503.612.2382
PART NUMBER:
VDSD1-DIP series
features
·isolated 1 W output
·temperature range: -40°C~+85°C
·unregulated
·high efficiency to 80%
·dual independent voltage output
·small footprint
·DIP package style
·industry standard pinout
·UL94-V0 package
·no heatsink required
·1K Vdc isolation
·power density 0.85 W/cm³
·no external component required
·low cost
description
Designed to convert fixed volt-
ages into an isolated voltage, the
VDSD1-DIP series is well suited
for providing board-mount local
supplies in a wide range of appli-
cations, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
model
input voltage
output
output current
package
number
nominal
range
voltage
max.
min.
efficiency
style
UL60950-1
VDSD1-S5-DI5-DIP
5 Vdc
4.5~5.5 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
72%
DIP
YES
VDSD1-S5-DI9-DIP
5 Vdc
4.5~5.5 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
75%
DIP
YES
VDSD1-S5-DI12-DIP
5 Vdc
4.5~5.5 Vdc
12, 12 Vdc
42, 42 mA
4, 4 mA
78%
DIP
YES
VDSD1-S5-DI15-DIP
5 Vdc
4.5~5.5 Vdc
15, 15 Vdc
33, 33 mA
3, 3 mA
79%
DIP
YES
VDSD1-S12-DI5-DIP
12 Vdc
10.8~13.2 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
74%
DIP
YES
VDSD1-S12-DI9-DIP
12 Vdc
10.8~13.2 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
76%
DIP
YES
VDSD1-S12-DI12-DIP
12 Vdc
10.8~13.2 Vdc
12, 12 Vdc
42, 42 mA
4, 4 mA
79%
DIP
YES
VDSD1-S12-DI15-DIP
12 Vdc
10.8~13.2 Vdc
15, 15 Vdc
33, 33 mA
3, 3 mA
80%
DIP
YES
VDSD1-S15-DI5-DIP
15 Vdc
13.5~16.5 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
74%
DIP
NO
VDSD1-S15-DI9-DIP
15 Vdc
13.5~16.5 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
75%
DIP
NO
VDSD1-S15-DI12-DIP
15 Vdc
13.5~16.5 Vdc
12, 12 Vdc
42, 42 mA
5, 5 mA
79%
DIP
NO
VDSD1-S15-DI15-DIP
15 Vdc
13.5~16.5 Vdc
15, 15 Vdc
33, 33 mA
4, 4 mA
79%
DIP
NO
VDSD1-S24-DI5-DIP
24 Vdc
21.6~26.4 Vdc
5, 5 Vdc
100, 100 mA
10, 10 mA
74%
DIP
YES
VDSD1-S24-DI9-DIP
24 Vdc
21.6~26.4 Vdc
9, 9 Vdc
56, 56 mA
6, 6 mA
76%
DIP
YES
VDSD1-S24-DI12-DIP
24 Vdc
21.6~26.4 Vdc
12, 12 Vdc
42, 42 mA
4, 4 mA
80%
DIP
YES
VDSD1-S24-DI15-DIP
24 Vdc
21.6~26.4 Vdc
15, 15 Vdc
33, 33 mA
3, 3 mA
81%
DIP
YES


Similar Part No. - VDSD1-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDSD1-S12-DI12-SIP CUI-VDSD1-S12-DI12-SIP Datasheet
262Kb / 3P
DC/DC converter
VDSD1-S12-DI15-SIP CUI-VDSD1-S12-DI15-SIP Datasheet
262Kb / 3P
DC/DC converter
VDSD1-S12-DI5-SIP CUI-VDSD1-S12-DI5-SIP Datasheet
262Kb / 3P
DC/DC converter
VDSD1-S12-DI9-SIP CUI-VDSD1-S12-DI9-SIP Datasheet
262Kb / 3P
DC/DC converter
VDSD1-S15-DI12-SIP CUI-VDSD1-S15-DI12-SIP Datasheet
262Kb / 3P
DC/DC converter
More results

Similar Description - VDSD1-DIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com