Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120V6Q Datasheet(PDF) 56 Page - STMicroelectronics

Part # ST92F120V6Q
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V6Q Datasheet(HTML) 56 Page - STMicroelectronics

Back Button ST92F120V6Q Datasheet HTML 52Page - STMicroelectronics ST92F120V6Q Datasheet HTML 53Page - STMicroelectronics ST92F120V6Q Datasheet HTML 54Page - STMicroelectronics ST92F120V6Q Datasheet HTML 55Page - STMicroelectronics ST92F120V6Q Datasheet HTML 56Page - STMicroelectronics ST92F120V6Q Datasheet HTML 57Page - STMicroelectronics ST92F120V6Q Datasheet HTML 58Page - STMicroelectronics ST92F120V6Q Datasheet HTML 59Page - STMicroelectronics ST92F120V6Q Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 320 page
background image
56/320
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
PROTECTION STRATEGY (Cont’d)
Bit 2:0 = PWT[2:0]:
Password Attempt 2-0.
If the TMDIS bit in the NVWPR register (231FFDh)
is programmed to 0, every time a Set Protection
operation is executed with Program Addresses
equal to NVPWD1-0 (231FFE-Fh), the two provid-
ed
Program
Data
are
compared
with
the
NVPWD1-0 content; if there is not a match one of
PWT2-0 bits is automatically programmed to 0:
when these three bits are all programmed to 0 the
test modes are disabled forever. In order to inten-
tionally disable test modes forever, it is sufficient to
set a random Password and then to make 3 wrong
attempts to enter it.
NON VOLATILE WRITE PROTECTION REGIS-
TER (NVWPR)
Address: 231FFDh - Read/Write
Delivery value: 1111 1111 (FFh)
Bit 7 = TMDIS:
Test mode disable (Read Only).
This bit, if set to 1, allows to bypass all the protec-
tions in test mode. If programmed to 0, on the con-
trary, all the protections remain active also in test
mode. The only way to enable the test modes if
this bit is programmed to 0, is to execute the Set
Protection operation with Program Addresses
equal to NVPWD1-0 (231FFF-Eh) and Program
Data matching with the content of NVPWD1-0.
This bit is read only: it is automatically pro-
grammed to 0 when NVPWD1-0 are written.
0: Test mode disabled
1: Test mode enabled
Bit 6 = PWOK:
Password OK (Read Only).
If the TMDIS bit is programmed to 0, when the Set
Protection operation is executed with Program Ad-
dresses equal to NVPWD[1:0] and Program Data
matching with NVPWD[1:0] content, the PWOK bit
is automatically programmed to 0. When this bit is
programmed to 0 TMDIS protection is bypassed
and the test modes are enabled.
0: Password OK
1: Password not OK
Bit 5 = WPBR:
BootROM Write Protection.
This bit, if programmed at 0, disables any write ac-
cess to the TestFlash address space. This protec-
tion cannot be temporarily disabled.
0: BootROM write protection on
1: BootROM write protection off
Bit 4 = WPEE:
EEPROM Write Protection.
This bit, if programmed to 0, disables any write ac-
cess to the EEPROM address space. This protec-
tion can be temporary disabled by executing the
Set Protection operation and writing 1 into this bit.
To restore the protection it needs to reset the mi-
cro or to execute another Set Protection operation
and write 0 to this bit.
0: EEPROM write protection on
1: EEPROM write protection off
Bit 3:0 = WPRS[3:0]:
ROM Segments 3-0 Write
Protection.
These bits, if programmed to 0, disable any write
access to the 4 Flash sectors address spaces.
These protections can be temporary disabled by
executing the Set Protection operation and writing
1 into these bits. To restore the protection it needs
to reset the micro or to execute another Set Pro-
tection operation and write 0 into these bits.
0: ROM Segments 3-0 write protection on
1: ROM Segments 3-0 write protection off
NON VOLATILE PASSWORD (NVPWD1-0)
Address: 231FFF-231FFEh - Write Only
Delivery value: 1111 1111 (FFh)
Bit 7:0 = PWD[7:0]:
Password bits 7:0 (Write On-
ly).
These bits must be programmed with the Non Vol-
atile Password that must be provided with the Set
Protection operation to reenable the test modes.
These two registers can be accessed only in write
mode and only once; when they are written (simul-
taneously with the same Set Protection operation),
bit TMDIS of NVWPR (231FFDh) is simultaneous-
ly programmed and test modes are disabled.
7
6
5
4
32
10
TMDI
S
PWO
K
WPB
R
WPE
E
WPRS
3
WPRS
2
WPRS
1
WPRS
0
765432
1
0
PWD
7
PWD
6
PWD
5
PWD
4
PWD
3
PWD
2
PWD
1
PWD
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com