Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92F120R1T Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST92F120R1T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120R1T Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST92F120R1T Datasheet HTML 41Page - STMicroelectronics ST92F120R1T Datasheet HTML 42Page - STMicroelectronics ST92F120R1T Datasheet HTML 43Page - STMicroelectronics ST92F120R1T Datasheet HTML 44Page - STMicroelectronics ST92F120R1T Datasheet HTML 45Page - STMicroelectronics ST92F120R1T Datasheet HTML 46Page - STMicroelectronics ST92F120R1T Datasheet HTML 47Page - STMicroelectronics ST92F120R1T Datasheet HTML 48Page - STMicroelectronics ST92F120R1T Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 320 page
background image
45/320
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3.2 FUNCTIONAL DESCRIPTION
3.2.1 Structure
The Flash memory is composed of three parts
(see following table):
– 1 reserved sector for system routines (TestFlash
including user OTP area)
– 4 main sectors for code
– 2 sectors of the same size for EEPROM emula-
tion
The last 128 bytes of the TestFlash are available
to the user as an OTP area. The user can program
these bytes, but cannot erase them. The last 4
bytes of this OTP area (231FFCh to 231FFFh for
128K Flash device and 230FFCh to 230FFFh for
60K/36K Flash devices) are reserved for the Non-
Volatile Protection registers and cannot be used
as a storage area (see Section 3.6 PROTECTION
STRATEGY for more details).
3.2.2
Software
or
Hardware
EEPROM
Emulation (Device dependent option)
The MCU can be factory-configured to allow the
user to manage the EEPROM emulation by soft-
ware (using for example the Intel algorithm), by di-
rectly addressing the two dedicated sectors F4
and F5. In this case the Hardware EEPROM emu-
lation will not be available.
Hardware EEPROM emulation
By default, a hardware EEPROM emulation is im-
plemented using special flash sectors F4/E0 and
F5/E1 to emulate an EEPROM memory whose
size is 1/4 of a sector (1 Kbytes max). This
EEPROM
can
be
directly
addressed
from
220000h to 2203FFh for 128K Flash device and
220000h to 2201FFh for 60K/36K Flash devices.
In this case, Flash sectors F4 and F5 are not di-
rectly accessible.
(see Section 3.5.1 Hardware EEPROM Emulation
for more details).
Table 7. Memory Structure for 128K Flash device
Table 8. Memory Structure for 60K Flash device
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
User OTP Area
231F80h to 231FFFh
128 bytes
Flash 0 (F0)
000000h to 00FFFFh
64 Kbytes
Flash 1 (F1)
010000h to 01BFFFh
48 Kbytes
Flash 2 (F2)
01C000h to 01DFFFh
8 Kbytes
Flash 3 (F3)
01E000h to 01FFFFh
8 Kbytes
Flash 4 / EEPROM 0 (F4/E0)
228000h to 228FFFh
4 Kbytes
Flash 5 / EEPROM 1 (F5/E1)
22C000h to 22CFFFh
4 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 230F7Fh
3968 bytes
User OTP Area
230F80h to 230FFFh
128 bytes
Flash 0 (F0)
000000h to 000FFFh
4 Kbytes
Flash 1 (F1)
010000h to 017FFFh
32 Kbytes
Flash 2 (F2)
018000h to 01BFFFh
16 Kbytes
Flash 3 (F3)
01C000h to 01DFFFh
8 Kbytes
Flash 4 / EEPROM 0 (F4/E0)
228000h to 2287FFh
2 Kbytes
Flash 5 / EEPROM 1 (F5/E1)
22C000h to 22C7FFh
2 Kbytes
Emulated EEPROM
220000h to 2201FFh
512 bytes
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com