Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VDSD2-SIP Datasheet(PDF) 1 Page - CUI INC

Part # VDSD2-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VDSD2-SIP Datasheet(HTML) 1 Page - CUI INC

  VDSD2-SIP Datasheet HTML 1Page - CUI INC VDSD2-SIP Datasheet HTML 2Page - CUI INC VDSD2-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 / 3
Rev. 06-2006
VDSD2-SIP Series DC-DC Converter
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Features
·Isolated 2 W output
·Temperature range: -40°C~+85°C
·Unregulated
·High efficiency to 87%
·Dual independent voltage output
·Small footprint
·SIP package style
·Industry standard pinout
·UL94-V0 package
·No heatsink required
·1K Vdc isolation
·No external component required
·Low cost
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Voltage
Max.
Min.
Efficiency
Style
VDSD2-S5-DI5-SIP
5 Vdc
4.5~5.5 Vdc
5, 5 Vdc
200, 200 mA
20, 20 mA
82%
SIP
VDSD2-S5-DI9-SIP
5 Vdc
4.5~5.5 Vdc
9, 9 Vdc
112, 112 mA
12, 12 mA
83%
SIP
VDSD2-S5-DI12-SIP
5 Vdc
4.5~5.5 Vdc
12, 12 Vdc
84, 84 mA
9, 9 mA
85%
SIP
VDSD2-S5-DI15-SIP
5 Vdc
4.5~5.5 Vdc
15, 15 Vdc
67, 67 mA
7, 7 mA
85%
SIP
VDSD2-S12-DI5-SIP
12 Vdc
10.8~13.2 Vdc
5, 5 Vdc
200, 200 mA
20, 20 mA
83%
SIP
VDSD2-S12-DI9-SIP
12 Vdc
10.8~13.2 Vdc
9, 9 Vdc
112, 112 mA
12, 12 mA
84%
SIP
VDSD2-S12-DI12-SIP
12 Vdc
10.8~13.2 Vdc
12, 12 Vdc
84, 84 mA
9, 9 mA
86%
SIP
VDSD2-S12-DI15-SIP
12 Vdc
10.8~13.2 Vdc
15, 15 Vdc
67, 67 mA
7, 7 mA
86%
SIP
VDSD2-S24-DI5-SIP
24 Vdc
21.6~26.4 Vdc
5, 5 Vdc
200, 200 mA
20, 20 mA
84%
SIP
VDSD2-S24-DI9-SIP
24 Vdc
21.6~26.4 Vdc
9, 9 Vdc
112, 112 mA
12, 12 mA
85%
SIP
VDSD2-S24-DI12-SIP
24 Vdc
21.6~26.4 Vdc
12, 12 Vdc
84, 84 mA
9, 9 mA
87%
SIP
VDSD2-S24-DI15-SIP
24 Vdc
21.6~26.4 Vdc
15, 15 Vdc
67, 67 mA
7, 7 mA
87%
SIP
Description
Designed to convert fixed volt-
ages into an isolated voltage, the
VDSD2-SIP series is well suited
for providing board-mount local
supplies in a wide range of appli-
cations, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls, data-
com/telecom fields, etc...
The semi-regulated output can be
followed by 3-terminal regulators
to provide output protection, in
addition to output regulation.
Output Specifications
Item
Test conditions
Min.
Typ.
Max.
Units
Output power
0.2
2
W
Line Regulation
For Vin change of 1%
1.2
%
Load Regulation
10% to 100% full load
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% load
0.03
%/°C
Output ripple
20 MHz Bandwidth
100
200
mVp-p
Switching frequency
Full load, nominal input
75
KHz
Note:
1. All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless
otherwise specified.


Similar Part No. - VDSD2-SIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VDSD2-S12-DI12-DIP CUI-VDSD2-S12-DI12-DIP Datasheet
254Kb / 3P
DC-DC Converter
VDSD2-S12-DI15-DIP CUI-VDSD2-S12-DI15-DIP Datasheet
254Kb / 3P
DC-DC Converter
VDSD2-S12-DI5-DIP CUI-VDSD2-S12-DI5-DIP Datasheet
254Kb / 3P
DC-DC Converter
VDSD2-S12-DI9-DIP CUI-VDSD2-S12-DI9-DIP Datasheet
254Kb / 3P
DC-DC Converter
VDSD2-S24-DI12-DIP CUI-VDSD2-S24-DI12-DIP Datasheet
254Kb / 3P
DC-DC Converter
More results

Similar Description - VDSD2-SIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com