Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VRA3-DIP Datasheet(PDF) 1 Page - CUI INC

Part # VRA3-DIP
Description  Dc-Dc Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VRA3-DIP Datasheet(HTML) 1 Page - CUI INC

  VRA3-DIP Datasheet HTML 1Page - CUI INC VRA3-DIP Datasheet HTML 2Page - CUI INC VRA3-DIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
Rev. 11-2006
1/ 3
VRA3-DIP Series Dc-Dc Converter
Features
·Wide (2:1) input range
·Isolated & regulated 3W output
·Efficiency up to 82%
·Dual voltage output
·DIP package style
·metal package
·No heatsink required
·1.5K Vdc isolation
·Pinout compatible with ERICSSON PKV
·MTBF >1,000,000 hours
·Temperature range: -40°C~+85°C
·Continuous short circuit protection
·RoHS Compliant
Model
Input Voltage
Output
Output Current
Package
Number
Nominal
Range
Max.
Voltage
Max.
Min.
Efficiency
Style
VRA3-D5-D5-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
5 Vdc
300 mA
30 mA
72%
DIP
VRA3-D5-D9-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
9 Vdc
165 mA
16 mA
73%
DIP
VRA3-D5-D12-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
12 Vdc
125 mA
12 mA
77%
DIP
VRA3-D5-D15-DIP
5 Vdc
4.5~9 Vdc
11 Vdc
15 Vdc
100 mA
10 mA
79%
DIP
VRA3-D12-D5-DIP
12 Vdc
9~18 Vdc
22 Vdc
5 Vdc
300 mA
30 mA
75%
DIP
VRA3-D12-D9-DIP
12 Vdc
9~18 Vdc
22 Vdc
9 Vdc
165 mA
16 mA
79%
DIP
VRA3-D12-D12-DIP
12 Vdc
9~18 Vdc
22 Vdc
12 Vdc
125 mA
12 mA
80%
DIP
VRA3-D12-D15-DIP
12 Vdc
9~18 Vdc
22 Vdc
15 Vdc
100 mA
10 mA
81%
DIP
VRA3-D24-D5-DIP
24 Vdc
18~36 Vdc
40 Vdc
5 Vdc
300 mA
30 mA
78%
DIP
VRA3-D24-D9-DIP
24 Vdc
18~36 Vdc
40 Vdc
9 Vdc
165 mA
16 mA
80%
DIP
VRA3-D24-D12-DIP
24 Vdc
18~36 Vdc
40 Vdc
12 Vdc
125 mA
12 mA
81%
DIP
VRA3-D24-D15-DIP
24 Vdc
18~36 Vdc
40 Vdc
15 Vdc
100 mA
10 mA
82%
DIP
VRA3-D48-D5-DIP
48 Vdc
36~72 Vdc
80 Vdc
5 Vdc
300 mA
30 mA
76%
DIP
VRA3-D48-D9-DIP
48 Vdc
36~72 Vdc
80 Vdc
9 Vdc
165 mA
16 mA
81%
DIP
VRA3-D48-D12-DIP
48 Vdc
36~72 Vdc
80 Vdc
12 Vdc
125 mA
12 mA
81%
DIP
VRA3-D48-D15-DIP
48 Vdc
36~72 Vdc
80 Vdc
15 Vdc
100 mA
10 mA
82%
DIP
General Specifications
Output short circuit protection
continuous, auto recovery
Temperature rise at full load
15°C typ., 25°C max.
Cooling
Free air convection
Operating temperature range
-40°C to +85°C
Storage temperature range
-55°C to +125°C
Storage humidity range
<95%
Case material
Metal
MTBF
>1,000,000 hrs.
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Isolation Voltage
1500 Vdc
Isolation Resistance
>1000 M
Ω


Similar Part No. - VRA3-DIP

ManufacturerPart #DatasheetDescription
logo
CUI INC
VRA3-D12-D12-DIP CUI-VRA3-D12-D12-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRA3-D12-D15-DIP CUI-VRA3-D12-D15-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRA3-D12-D5-DIP CUI-VRA3-D12-D5-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRA3-D12-D9-DIP CUI-VRA3-D12-D9-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
VRA3-D24-D12-DIP CUI-VRA3-D24-D12-DIP Datasheet
307Kb / 5P
DC-DC CONVERTER
More results

Similar Description - VRA3-DIP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com