Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST95P08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST95P08
Description  8 Kbit Serial SPI EEPROM with Positive Clock Strobe
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95P08 Datasheet(HTML) 5 Page - STMicroelectronics

  ST95P08 Datasheet HTML 1Page - STMicroelectronics ST95P08 Datasheet HTML 2Page - STMicroelectronics ST95P08 Datasheet HTML 3Page - STMicroelectronics ST95P08 Datasheet HTML 4Page - STMicroelectronics ST95P08 Datasheet HTML 5Page - STMicroelectronics ST95P08 Datasheet HTML 6Page - STMicroelectronics ST95P08 Datasheet HTML 7Page - STMicroelectronics ST95P08 Datasheet HTML 8Page - STMicroelectronics ST95P08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
fC
fC
Clock Frequency
D.C.
2
MHz
tSLCH
tSU
S Setup Time
50
ns
tCLSH
tSH
S Hold Time
50
ns
tCH
tWH
Clock High Time
200
ns
tCL
tWL
Clock Low Time
300
ns
tCLCH
tRC
Clock Rise Time
1
µs
tCHCL
tFC
Clock Fall Time
1
µs
tDVCH
tDSU
Data In Setup Time
50
ns
tCHDX
tDH
Data In Hold Time
50
ns
tDLDH
tRI
Data In Rise Time
1
µs
tDHDL
tFI
Data In Fall Time
1
µs
tHXCH
tHSU
HOLD Setup Time
50
ns
tCLHX
tHH
HOLD Hold Time
50
ns
tSHSL
tCS
S Deselect Time
4.5V < VCC < 5.5V
200
ns
3V < VCC < 4.5V
250
ns
tSHQZ
tDIS
Output Disable Time
150
ns
tQVCL
tV
Clock Low to Output Valid
300
ns
tCLQX
tHO
Output Hold Time
0
ns
tQLQH
tRO
Output Rise Time
100
ns
tQHQL
tFO
Output Fall Time
100
ns
tHHQX
tLZ
HOLD High to Output Low-Z
150
ns
tHLQZ
tHZ
HOLD Low to Output High-Z
150
ns
tW
(1)
tW
Write Cycle Time
10
ms
Note: 1. Not enough characterisation data were available on this parameter at the time of issue this Data Sheet. The typical value is well
below 5ms, the maximum value will be reviewed and lowered when sufficient data is available.
Table 6. AC Characteristics
(TA = 0 to 70
°C or –40 to 85°C; VCC = 3V to 5.5V)
5/16
ST95P08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com