Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195B6T1 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST92195B6T1
Description  32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195B6T1 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST92195B6T1 Datasheet HTML 14Page - STMicroelectronics ST92195B6T1 Datasheet HTML 15Page - STMicroelectronics ST92195B6T1 Datasheet HTML 16Page - STMicroelectronics ST92195B6T1 Datasheet HTML 17Page - STMicroelectronics ST92195B6T1 Datasheet HTML 18Page - STMicroelectronics ST92195B6T1 Datasheet HTML 19Page - STMicroelectronics ST92195B6T1 Datasheet HTML 20Page - STMicroelectronics ST92195B6T1 Datasheet HTML 21Page - STMicroelectronics ST92195B6T1 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
21/22
ST92195B - GENERAL INFORMATION
3.2 ORDERING INFORMATION
Each device is available for production in a user
programmable version (OTP) as well as in factory
coded version (ROM). OTP devices are shipped to
customer with a default blank content FFh, while
ROM factory coded parts contain the code sent by
customer. The common EPROM versions for de-
bugging and prototyping features the maximum
memory size and peripherals of the family. Care
must be taken to only use resources available on
the target device.
3.2.1 Transfer Of Customer Code
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the hexadecimal file gener-
ated by the development tool. All unused bytes
must be set to FFh.
Figure 11. ROM Factory Coded Device Types
Figure 12. OTP User Programmable Device Types
Figure 13. EPROM User Programmable Device Types
DEVICE PACKAGE
TEMP.
RANGE
XXX
/
Code name (defined by STMicroelectronics)
1= standard 0 to +70
°C
B= Plastic DIP56
T= Plastic TQFP64
ST92195B1
ST92195B2
ST92195B3
ST92195B4
ST92195B5
ST92195B6
ST92195B7
DEVICE PACKAGE
TEMP.
RANGE
Code name (defined by STMicroelectronics)
1= 0 to +70
°C
B= Plastic DIP56
T= Plastic TQFP64
ST92T195B7
XXX
/
DEVICE PACKAGE
TEMP.
RANGE
0= 25
°C
B= Ceramic DIP 56 pin
T= Ceramic QFP 64 pin
ST92E195B7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com