Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSQG703BP Datasheet(PDF) 1 Page - CUI INC

Part # CSQG703BP
Description  magnetic buzzer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CSQG703BP Datasheet(HTML) 1 Page - CUI INC

  CSQG703BP Datasheet HTML 1Page - CUI INC CSQG703BP Datasheet HTML 2Page - CUI INC CSQG703BP Datasheet HTML 3Page - CUI INC CSQG703BP Datasheet HTML 4Page - CUI INC CSQG703BP Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Phone: 800.275.4899
Fax: 503.612.2381
www.cui.com
20050 SW 112th Ave.
Tualatin, OR 97062
Part No: CSQG703BP
Description: magnetic buzzer
Date: 9/20/2006
Unit: mm
Page No: 1 of 5
Specifications
Rated voltage
3.0 Vo-p
Operating voltage
2.0 ~ 4.0 Vo-p
Mean current
90 mA max.
Applying rated voltage, 2000 Hz
square wave, ½ duty
Coil resistance
15.0 ±2.0
Ω
Sound output
Min. 85 (Typical 90) dBA
Distance at 5cm (A-weight free air).
Applying rated voltage of 2000 Hz, square
wave, ½ duty.
Rated frequency
2,000 Hz
Operating tempurature
-30 ~ +70° C
Storage tempurature
-40 ~ +85° C
Dimensions
ø12.0 x H3.8 mm
See attached drawing
Weight
1.0 g
Material
PPO (Black)
Terminal
Pin type (Au Plating)
See attached drawing
RoHS
yes
Frequency Response Curve


Similar Part No. - CSQG703BP

ManufacturerPart #DatasheetDescription
logo
CUI INC
CSQG703BP CUI-CSQG703BP Datasheet
478Kb / 4P
MAGNETIC BUZZER TRANSDUCER
03/16/2020
logo
CUI Devices
CSQG703BP CUID-CSQG703BP Datasheet
455Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CSQG703BP CUI-CSQG703BP_V01 Datasheet
478Kb / 4P
MAGNETIC BUZZER TRANSDUCER
03/16/2020
More results

Similar Description - CSQG703BP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMX-7T05SP ETC2-EMX-7T05SP Datasheet
42Kb / 1P
MAGNETIC BUZZER
logo
CUI INC
CEM-1212C CUI-CEM-1212C Datasheet
285Kb / 5P
magnetic buzzer
CSS-J4B20 CUI-CSS-J4B20 Datasheet
427Kb / 5P
magnetic buzzer
CST-911AP CUI-CST-911AP Datasheet
411Kb / 4P
magnetic buzzer
CD-1206 CUI-CD-1206 Datasheet
473Kb / 5P
magnetic buzzer
CSQ-706BP CUI-CSQ-706BP Datasheet
332Kb / 5P
magnetic buzzer
CSS-73B16K CUI-CSS-73B16K Datasheet
477Kb / 5P
magnetic buzzer
CST-931RP-A CUI-CST-931RP-A Datasheet
527Kb / 5P
magnetic buzzer
CT-1212CL CUI-CT-1212CL Datasheet
413Kb / 5P
Magnetic buzzer
CSS-0575A CUI-CSS-0575A Datasheet
391Kb / 5P
MAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com