Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VWQAS2-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VWQAS2-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWQAS2-SIP Datasheet(HTML) 2 Page - CUI INC

  VWQAS2-SIP Datasheet HTML 1Page - CUI INC VWQAS2-SIP Datasheet HTML 2Page - CUI INC VWQAS2-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 07-2007
2/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VWQAS2-SIP Series DC-DC Converter
General Specifications
Output short circuit protection
Continuous (automatic recovery)
Temperature rise at full load
15°C typ., 35°C max.
Cooling
Free air convection
Operating temperature range
-40°C to +85°C
Storage temperature range
-50°C to +125°C
Soldering temperature
300°C (1.5mm from case for 10sec.)
Storage humidity range
≤95%
Case material
Plastic (UL94-V0)
MTBF
>1,000,000 hrs.
Weight
7 g
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Flash tested for 1 min.
1500
Vdc
Isolation Resistance
Test at 500 Vdc
1000
M
Ω
Isolation Capacitance
Input/Output
80
PF
Typical Characteristics
+Vo
0V
Cou t
C2
C1
Vin
GND
2
1
6
8
3
R= Vc/Ic -0.15 ( 5 mA TY P)
R:K
Ω
Vc
R
Li n
7
Cou t
-Vo
Ic
Bottom View
date
12 3
6 7 8 9
26. 00
[ 1. 024]
0. 50
[0. 020]
2. 00
[ 0. 079]
7. 62
[0. 300]
2. 54
[0. 100]
3. 68
[0. 145]
Pin
Fu nctio n
1
23
6
7
GN D Vin CTRL +Vo
0V
8
NC
9
-Vo
Note: Tolerances : (pin: ± 0.1(0.004); others: ±0.25(0.01))
Outline Dimensions &
Recommended Layout Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com