Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VWRAS2-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VWRAS2-SIP
Description  dc/dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAS2-SIP Datasheet(HTML) 2 Page - CUI INC

  VWRAS2-SIP Datasheet HTML 1Page - CUI INC VWRAS2-SIP Datasheet HTML 2Page - CUI INC VWRAS2-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
rev.
page
date
DESCRIPTION: dc/dc converter
2 of 3
02/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VWRAS2 series
Recommended circuit
It is best to test with full load and not to test
without load. To further reduce output ripple,
you may increase the external capacitor,
choose a capacitor with low ESR, or add
external inductor to the circuit as shown on
the left.
General:
Cin: 5V, 12V 100µF
24V, 48V 10µF ~ 47µF
Cout:100µF(typ)
Lin: 4.7µH ~ 120 µH
Lout: 2.2µH ~ 10µH
General Specifications
Output short circuit protection
Continuous
Temperature rise at full load
15°C typ., 35°C max.
Cooling
Free air convection
No-load power consumption
100mW (typical)
Operating temperature range
-40°C to +85°C
Storage temperature range
-50°C to +125°C
Soldering temperature
300°C (1.5mm from case for 10sec.)
Storage humidity range
<95%
Case material
Plastic (UL94-V0)
MTBF
>1,000,000 hrs.
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Flash tested for 1 min.
1500
Vdc
Isolation Resistance
Test at 500 Vdc
1000
M
Ω
Isolation Capacitance
Input/Output
80
PF
Typical Characteristics
+Vo
0V
Cou t
Cin
Vin
GND
2
1
6
8
3
R
Vc/I ( 5 mA TY P)
R:KΩ
=
Vc
R
Li n
7
Cou t
L
L
-Vo
FOOTPRINT DETAILS
RECOMMENDED FOOTPRINT
Top view,grid:2.54mm(0.1inch),
diameter:1.00mm
Note:
Unit:mm(inch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pin tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
+
+
+
+
Dual Output & Single Output
Pin
Dual
1
2
3
5
GND
Vin
+Vo
NC
OV
7
8
6
CTRL
-Vo
(0.866)
23
5
26 7 8
1
NC:No Connection
First Angle Projection
35
Outline Dimensions &
Recommended Layout Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com