Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VWRAS3-SIP Datasheet(PDF) 2 Page - CUI INC

Part # VWRAS3-SIP
Description  DC-DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRAS3-SIP Datasheet(HTML) 2 Page - CUI INC

  VWRAS3-SIP Datasheet HTML 1Page - CUI INC VWRAS3-SIP Datasheet HTML 2Page - CUI INC VWRAS3-SIP Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rev. 07-2007
2/ 3
V-Infinity, LLC, 20050 SW 112th Ave., Tualatin, OR 97062
www.v-infinity.com
1-866-372-1258
VWRAS3-SIP Series DC-DC Converter
General Specifications
Output short circuit protection
Continuous
Temperature rise at full load
15°C typ., 35°C max.
Cooling
Free air convection
Operating temperature range
-40°C to +85°C
Storage temperature range
-50°C to +125°C
Soldering temperature
300°C (1.5mm from case for 10sec.)
Storage humidity range
<95%
Case material
Plastic (UL94-V0)
MTBF
>1,000,000 hrs.
Weight
6 g
Isolation Specifications
Item
Test Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
Flash tested for 1 min.
1500
Vdc
Isolation Resistance
Test at 500 Vdc
1000
M
Ω
Isolation Capacitance
Input/Output
80
PF
Typical Characteristics
+Vo
0V
Co ut
Cin
Vin
GN D
2
1
3
R
V c/Ic- 0.1 5
Ic:mA ( 5mA Typ ) R:K
Vc
R
Lin
Co ut
-Vo
6
7
8
Ic
Bottom View
date
Pi n
Fun ctio n
12
3
5
67
8
GN D
Vin
C trl
N C
+Vo
0V
-Vo
Note: Tolerances : (pin: ±0.1(0.004);
others:
±0.25(0.01))
8
7
6
5
3
2
1
22.00
[0.866]
2.54
[0.100]
5.08
[0.200]
2.10
[0.083]
0.5
[0.020]
Outline Dimensions &
Recommended Layout Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com