Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VWRBT2 Datasheet(PDF) 1 Page - CUI INC

Part # VWRBT2
Description  dc-dc converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VWRBT2 Datasheet(HTML) 1 Page - CUI INC

  VWRBT2 Datasheet HTML 1Page - CUI INC VWRBT2 Datasheet HTML 2Page - CUI INC VWRBT2 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: dc-dc converter
1 of 3
05/2008
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VWRBT2 Series
features
·wide (2:1) input range
·regulated
·single voltage output
·I/O isolation: 1500 V dc
·no heatsink required
·short circuit protection
·MTBF >1,000,000 hours
·temperature range: -40°C~+85°C
INPUT
parameter
conditions/description
min
nom
max
units
input voltage range
12
9~18
22
V dc
24
18~36
40
V dc
OUTPUT
parameter
conditions/description
min
nom
max
units
2W output power
0.2
2
W
voltage accuracy2
refer to recommended circuit
±1
±2
%
ripple
@ 20MHz Bandwidth
20
40
mVpp
noise
@ 20MHz Bandwidth
50
100
mVpp
line regulation
input voltage from low to high
±0.2
±0.5
%
load regulation
10% to 100% full load
±0.5
±1.0
%
temperature coefficient
refer to recommended circuit
0.03
%/°C
switching frequency
100% load, nominal input
300PFM
KHz
notes:
2.
3.3 V ±3% max.
*V-Infinity reserves the right to make changes to its products or to discontinue any product or service without notice, and to advise customers to verify the most up-to-
date product information before placing orders. V-Infinity assumes no liability or responsibility for customer’s applications using V-Infinity products other than repair
or replacing (at V-I’s option) V-Infinity products not meeting V-I’s published specifications. Nothing will be covered outside of standard product warranty.
description
Designed to convert a wide input
voltage range into an isolated
regulated voltage, the
VWRBT2-SMT series is well
suited for providing board-mount
local supplies in a wide range of
applications, including mixed
analog/digital circuits, test &
measurement equip.,
process/machine controls,
datacom/telecom fields, etc...
MODEL
input voltage
output voltage
output current
efficiency
nominal
range
max.
(V dc)
max.
min.
typ.
(V dc)
(V dc)
(V dc)
(mA)
(mA)
(%)
VWRBT2-D12-S3.3-SMT
12
9.0~18.0
22
3.3
500
50
70
VWRBT2-D12-S5-SMT
12
9.0~18.0
22
5
400
40
74
VWRBT2-D12-S9-SMT
12
9.0~18.0
22
9
222
22
76
VWRBT2-D12-S12-SMT
12
9.0~18.0
22
12
167
16
78
VWRBT2-D12-S15-SMT
12
9.0~18.0
22
15
133
13
79
VWRBT2-D24-S3.3-SMT
24
18.0~36.0
40
3.3
500
50
71
VWRBT2-D24-S5-SMT
24
18.0~36.0
40
5
400
40
76
VWRBT2-D24-S9-SMT
24
18.0~36.0
40
9
222
22
78
VWRBT2-D24-S12-SMT
24
18.0~36.0
40
12
167
16
79
VWRBT2-D24-S15-SMT
24
18.0~36.0
40
15
133
13
80
notes:
1.
All specifications measured at TA=25°C, humidity <75%, nominal input voltage and rated output load unless otherwise specified.


Similar Part No. - VWRBT2

ManufacturerPart #DatasheetDescription
logo
CUI INC
VWRBT2 CUI-VWRBT2 Datasheet
212Kb / 5P
DC-DC CONVERTER
VWRBT2-D12-S12-SMT CUI-VWRBT2-D12-S12-SMT Datasheet
217Kb / 5P
DC-DC CONVERTER
VWRBT2-D12-S12-SMT CUI-VWRBT2-D12-S12-SMT Datasheet
212Kb / 5P
DC-DC CONVERTER
VWRBT2-D12-S15-SMT CUI-VWRBT2-D12-S15-SMT Datasheet
217Kb / 5P
DC-DC CONVERTER
VWRBT2-D12-S15-SMT CUI-VWRBT2-D12-S15-SMT Datasheet
212Kb / 5P
DC-DC CONVERTER
More results

Similar Description - VWRBT2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com