Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA5150 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA5150
Description  200W MONO BASH POWER AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA5150 Datasheet(HTML) 3 Page - STMicroelectronics

  STA5150 Datasheet HTML 1Page - STMicroelectronics STA5150 Datasheet HTML 2Page - STMicroelectronics STA5150 Datasheet HTML 3Page - STMicroelectronics STA5150 Datasheet HTML 4Page - STMicroelectronics STA5150 Datasheet HTML 5Page - STMicroelectronics STA5150 Datasheet HTML 6Page - STMicroelectronics STA5150 Datasheet HTML 7Page - STMicroelectronics STA5150 Datasheet HTML 8Page - STMicroelectronics STA5150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
STA5150
OPERATING RANGE
PIN CONNECTION
Symbol
Parameter
Value
Unit
+Vs
Positive supply voltage
+20 to +32
V
-Vs
Negative supply voltage
-10 to -24
V
∆Vs+
Delta positive supply voltage
5V
≤ (Vs+ - VCD+) ≤ 10V
V
VCD+
Positive supply voltage tracking rail
+3 to 20.7
V
VCD-
Negative supply voltage tracking rail
-20.7 to -3
V
Iin_Max
Current at pin In_Pre related to compressor behaviour
-1 to +1
mA peak
Vtrheshold
Voltage at pin Threshold
-5 to 0
V
Tamb
Ambient Temperature Range
0 to 70
°C
Isb_max
Pin 11 maximum input current (Internal voltage clmp at 5V)
200
µA
D01AU1281
1
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com