Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VAS1R5 Datasheet(PDF) 1 Page - CUI INC

Part # VAS1R5
Description  DC-DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAS1R5 Datasheet(HTML) 1 Page - CUI INC

  VAS1R5 Datasheet HTML 1Page - CUI INC VAS1R5 Datasheet HTML 2Page - CUI INC VAS1R5 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC-DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAS1R5 series
features
·
24 pin DIP package
·efficiency to 50%
·regulated outputs
·Pi input filter
·low ripple and noise
model
input
output
output
input current
number1, 2
voltage
voltage
current
no load
full load
efficiency
VAS1R5-S5-S5
5VDC
5VDC
300mA
110mA
620mA
50%
VAS1R5-S5-S12
5VDC
12VDC
125mA
110mA
550mA
50%
VAS1R5-S5-S15
5VDC
15VDC
100mA
110mA
550mA
50%
VAS1R5-S5-D12
5VDC
±12VDC
±60mA
110mA
550mA
50%
VAS1R5-S5-D15
5VDC
±15VDC
±50mA
110mA
550mA
50%
VAS1R5-S12-S5
12VDC
5VDC
300mA
40mA
260mA
50%
VAS1R5-S12-S12
12VDC
12VDC
125mA
40mA
215mA
50%
VAS1R5-S12-S15
12VDC
15VDC
100mA
40mA
215mA
50%
VAS1R5-S12-D12
12VDC
±12VDC
±60mA
40mA
215mA
50%
VAS1R5-S12-D15
12VDC
±15VDC
±50mA
40mA
215mA
50%
VAS1R5-S24-S5
24VDC
5VDC
300mA
20mA
130mA
50%
VAS1R5-S24-S12
24VDC
12VDC
125mA
20mA
115mA
50%
VAS1R5-S24-S15
24VDC
15VDC
100mA
20mA
115mA
50%
VAS1R5-S24-D12
24VDC
±12VDC
±60mA
20mA
115mA
50%
VAS1R5-S24-D15
24VDC
±15VDC
±50mA
20mA
115mA
50%
VAS1R5-S28-S5
28VDC
5VDC
300mA
20mA
110mA
50%
VAS1R5-S28-S12
28VDC
12VDC
125mA
20mA
100mA
50%
VAS1R5-S28-S15
28VDC
15VDC
100mA
20mA
100mA
50%
VAS1R5-S28-D12
28VDC
±12VDC
±60mA
20mA
100mA
50%
VAS1R5-S28-D15
28VDC
±15VDC
±50mA
20mA
100mA
50%
VAS1R5-S48-S5
48VDC
5VDC
300mA
15mA
65mA
50%
VAS1R5-S48-S12
48VDC
12VDC
125mA
15mA
60mA
50%
VAS1R5-S48-S15
48VDC
15VDC
100mA
15mA
60mA
50%
VAS1R5-S48-D12
48VDC
±12VDC
±60mA
15mA
60mA
50%
VAS1R5-S48-D15
48VDC
±15VDC
±50mA
15mA
60mA
50%
NOTES:
1. suffix “H” for 3K Vdc isolation
2. suffix “-SMT” for SMT case style


Similar Part No. - VAS1R5

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VAS1861 CPI-VAS1861 Datasheet
105Kb / 1P
Digital Attenuator
More results

Similar Description - VAS1R5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com