Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VAS3 Datasheet(PDF) 1 Page - CUI INC

Part # VAS3
Description  DC/DC converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VAS3 Datasheet(HTML) 1 Page - CUI INC

  VAS3 Datasheet HTML 1Page - CUI INC VAS3 Datasheet HTML 2Page - CUI INC VAS3 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
rev.
page
date
DESCRIPTION: DC/DC converter
1 of 3
08/2007
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
fax 503.612.2382
PART NUMBER: VAS3 series
features
·3W isolated output
·efficiency to 61%
·regulated outputs
·LC input filter
·low ripple and noise
·24-pin DIP package
model
input
output
output
input current
number1
voltage
voltage
current
no load
full load
efficiency
VAS3-S5-S5
5 Vdc
5 Vdc
600 mA
120 mA
984 mA
61%
VAS3-S5-S12
5 Vdc
12 Vdc
250 mA
120 mA
984 mA
61%
VAS3-S5-S15
5 Vdc
15 Vdc
200 mA
120 mA
984 mA
61%
VAS3-S5-D12
5 Vdc
±12 Vdc
±125 mA
120 mA
984 mA
61%
VAS3-S5-D15
5 Vdc
±15 Vdc
±100 mA
120 mA
984 mA
61%
VAS3-S12-S5
12 Vdc
5 Vdc
600 mA
60 mA
410 mA
61%
VAS3-S12-S12
12 Vdc
12 Vdc
250 mA
60 mA
410 mA
61%
VAS3-S12-S15
12 Vdc
15 Vdc
200 mA
60 mA
410 mA
61%
VAS3-S12-D12
12 Vdc
±12 Vdc
±125 mA
60 mA
410 mA
61%
VAS3-S12-D15
12 Vdc
±15 Vdc
±100 mA
60 mA
410 mA
61%
VAS3-S24-S5
24 Vdc
5 Vdc
600 mA
40 mA
205 mA
61%
VAS3-S24-S12
24 Vdc
12 Vdc
250 mA
40 mA
205 mA
61%
VAS3-S24-S15
24 Vdc
15 Vdc
200 mA
40 mA
205 mA
61%
VAS3-S24-D12
24 Vdc
±12 Vdc
±125 mA
40 mA
205 mA
61%
VAS3-S24-D15
24 Vdc
±15 Vdc
±100 mA
40 mA
205 mA
61%
VAS3-S28-S5
28 Vdc
5 Vdc
600 mA
35 mA
176 mA
61%
VAS3-S28-S12
28 Vdc
12 Vdc
250 mA
35 mA
176 mA
61%
VAS3-S28-S15
28 Vdc
15 Vdc
200 mA
35 mA
176 mA
61%
VAS3-S28-D12
28 Vdc
±12 Vdc
±125 mA
35 mA
176 mA
61%
VAS3-S28-D15
28 Vdc
±15 Vdc
±100 mA
35 mA
176 mA
61%
VAS3-S48-S5
48 Vdc
5 Vdc
600 mA
20 mA
102 mA
61%
VAS3-S48-S12
48 Vdc
12 Vdc
250 mA
20 mA
102 mA
61%
VAS3-S48-S15
48 Vdc
15 Vdc
200 mA
20 mA
102 mA
61%
VAS3-S48-D12
48 Vdc
±12 Vdc
±125 mA
20 mA
102 mA
61%
VAS3-S48-D15
48 Vdc
±15 Vdc
±100 mA
20 mA
102 mA
61%
NOTES:
1. suffix “-SMT” for SMT case style


Similar Part No. - VAS3

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
VAS-10-M5-NBR FESTO-VAS-10-M5-NBR Datasheet
78Kb / 1P
Vacuum suction cup
6/7/22
VAS-10-M5-PUR-B FESTO-VAS-10-M5-PUR-B Datasheet
74Kb / 1P
Vacuum suction cup
6/7/22
VAS-10-M5-SI-B FESTO-VAS-10-M5-SI-B Datasheet
75Kb / 1P
Vacuum suction cup
6/7/22
VAS-100-1/4-NBR FESTO-VAS-100-1/4-NBR Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
VAS-100-1/4-PUR-B FESTO-VAS-100-1/4-PUR-B Datasheet
84Kb / 1P
Vacuum suction cup
6/7/22
More results

Similar Description - VAS3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com