Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72311R7T3 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST72311R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R7T3 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST72311R7T3 Datasheet HTML 150Page - STMicroelectronics ST72311R7T3 Datasheet HTML 151Page - STMicroelectronics ST72311R7T3 Datasheet HTML 152Page - STMicroelectronics ST72311R7T3 Datasheet HTML 153Page - STMicroelectronics ST72311R7T3 Datasheet HTML 154Page - STMicroelectronics ST72311R7T3 Datasheet HTML 155Page - STMicroelectronics ST72311R7T3 Datasheet HTML 156Page - STMicroelectronics ST72311R7T3 Datasheet HTML 157Page - STMicroelectronics ST72311R7T3 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
154/164
13 PACKAGE CHARACTERISTICS
13.1 PACKAGE MECHANICAL DATA
Figure 93. 64-Pin Thin Quad Flat Package
Figure 94. 64-Pin Epoxy Thin Quad Flat Package
Note: “ QUALIFICATION OR VOLUME PRODUCTION OF DEVICES USING EPOXY PACKAGES
(ESO/EDIL/EQF P) IS NOT AUTHORIZED It is expressly specified that qualification and/or volume production of devices
using the package E.... in any applications is not authorized. Usage in any application is strictly restricted to development
purpose. Similar devices are available in plastic package mechanically compatible to the epoxy package for qualification
and volume production.”
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.60
0.063
A1
0.05
0.15 0.002
0.006
A2
1.35 1.40 1.45 0.053 0.055 0.057
B
0.30 0.37 0.45 0.012 0.015 0.018
C
0.09
0.20 0.004
0.008
D
16.00
0.630
D1
14.00
0.551
D3
12.00
0.472
E
16.00
0.630
E1
14.00
0.551
E3
12.00
0.472
e
0.80
0.031
K
0
°
3.5
°
7
°
L
0.45 0.60 0.75 0.018 0.024 0.030
L1
1.00
0.039
Number of Pins
N
64
ND
16
NE
16
L1
L
K
Dim
mm
inches
Min
Typ
Max
Min
Typ
Max
A
2.40
0.095
A1
0.60
0.024
B
0.25 0.38 0.50 0.010 0.015 0.020
E
15.80 16.00 16.20 0.622 0.630 0.638
E1
12.20 12.35 12.50 0.480 0.486 0.492
e
0.80
0.031
G
13.10
0.515
L
0.50
0.020
L1
1.10
0.043
∅n
0.35
0.013
∅P
1.10
0.043
Number of Pins
N
64 (4x16)
ETQFP 64
L1
L
∅n
B
∅P
e
G
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com