Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72311R7T3 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST72311R7T3
Description  8-BIT MCU WITH NESTED INTERRUPTS, EEPROM, ADC, 16-BIT TIMERS, 8-BIT PWM ART, SPI, SCI, CAN INTERFACES
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72311R7T3 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST72311R7T3 Datasheet HTML 153Page - STMicroelectronics ST72311R7T3 Datasheet HTML 154Page - STMicroelectronics ST72311R7T3 Datasheet HTML 155Page - STMicroelectronics ST72311R7T3 Datasheet HTML 156Page - STMicroelectronics ST72311R7T3 Datasheet HTML 157Page - STMicroelectronics ST72311R7T3 Datasheet HTML 158Page - STMicroelectronics ST72311R7T3 Datasheet HTML 159Page - STMicroelectronics ST72311R7T3 Datasheet HTML 160Page - STMicroelectronics ST72311R7T3 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 164 page
background image
ST72311R, ST72511R, ST72512R, ST72532R
157/164
13.4 PACKAGE/SOCKET FOOTPRINT PROPOSAL
To solder the TQFP64 device directly on the appli-
cation board, or to solder a socket for connecting
the emulator probe, the application board should
provide the footprint described in Figure 97. This
footprint allows both configurations:
s
Direct TQFP64 soldering
s
YAMAICHI IC149-064-008-S5 socket soldering
to plug either the emulator probe or an adaptor
board with an TQFP64 clamshell socket.
This socket is not compatible with TQFP64
package.
Figure 97. TQFP64 Device And Emulator Probe Compatible Footprint
Table 27. Suggested List of TQFP64 Socket Types
Package / Probe
Adaptor / Socket Reference
Socket type
TQFP64
ENPLAS
OTQ-64-0.8-02
Open Top
YAMAICHI
IC51-0644-1240.KS-14584
Clamshell
EMU PROBE
YAMAICHI
IC149-064-008-S5
SMC
DETAIL
e
B
* SK: Plastic socket overall dimensions.
Dim
mm
inches
Min
Typ Max
Min
Typ Max
B
0.35 0.45 0.50 0.014 0.018 0.020
E
20.80
0.819
E1
14.00
0.551
E3
11.90 12.00 12.10 0.468 0.472 0.476
e
0.75 0.80 0.85 0.029 0.031 0.033
SK*
26
1.023
Number of Pins
N
64 (4x16)
E
E1
E3
SOCKET
SK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com