Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM643FV8AS-85LF Datasheet(PDF) 8 Page - Emerging Memory & Logic Solutions Inc

Part # EM643FV8AS-85LF
Description  128K x16 bit Low Power and Low Voltage Full CMOS Static RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMLSI [Emerging Memory & Logic Solutions Inc]
Direct Link  http://www.emlsi.com
Logo EMLSI - Emerging Memory & Logic Solutions Inc

EM643FV8AS-85LF Datasheet(HTML) 8 Page - Emerging Memory & Logic Solutions Inc

Back Button EM643FV8AS-85LF Datasheet HTML 3Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 4Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 5Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 6Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 7Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 8Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 9Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 10Page - Emerging Memory & Logic Solutions Inc EM643FV8AS-85LF Datasheet HTML 11Page - Emerging Memory & Logic Solutions Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
EM621FU16BU Series
Low Power, 128Kx16 SRAM
8
tWC
Address
CS
UB,LB
WE
Data in
Data out
tCW(2)
tWR(4)
tAW
tBW
tWP(1)
tDW
tDH
TIMING WAVEFORM OF WRITE CYCLE(3) (UB, LB CONTROLLED)
High-Z
High-Z
Data Valid
tAS(3)
NOTES (WRITE CYCLE)
1. A write occurs during the overlap(tWP) of low CS and low WE. A write begins when CS goes low and WE
goes low with asserting UB or LB for single byte operation or simultaneously asserting UB and LB for double
byte operation. A write ends at the earliest transition when CS goes high and WE goes high. The tWP is
measured from the beginning of write to the end of write.
2. tCW is measured from the CS going low to end of write.
3. tAS is measured from the address valid to the beginning of write.
4. tWR is measured from the end or write to the address change. tWR applied in case a write ends as CS
or WE going high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com